Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN14311 Datasheet(PDF) 1 Page - Cree, Inc

Part # FCN14311
Description  Barbara series
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FCN14311 Datasheet(HTML) 1 Page - Cree, Inc

  FCN14311 Datasheet HTML 1Page - Cree, Inc FCN14311 Datasheet HTML 2Page - Cree, Inc FCN14311 Datasheet HTML 3Page - Cree, Inc FCN14311 Datasheet HTML 4Page - Cree, Inc FCN14311 Datasheet HTML 5Page - Cree, Inc FCN14311 Datasheet HTML 6Page - Cree, Inc FCN14311 Datasheet HTML 7Page - Cree, Inc FCN14311 Datasheet HTML 8Page - Cree, Inc FCN14311 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
PRODUCT DATASHEET
Barbara series
last update 6/3/2017
DETAILS
Product Number
FCN14311_BARBARA-XW-PF-VERO13/18
Family
Barbara
Type
RefPack
Color
metal
Diameter
70 mm
Height
42,25 mm
Style
round
Optic Material
Holder Material
Fastening
screw
Status
production ready
ROHS Comliant
Yes
Date Updated
6/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO13
72 deg
93 %
0.670
-
VERO18
72 deg
93 %
0.630
-
V15 Gen6
71 deg
89 %
0.720
Bender Wirth: 456 Typ L2
Xenio Point 13mm
71 deg
92 %
0.680
LEDiL: LEDiL
Xenio Point 18mm
72 deg
91 %
0.640
LEDiL: LEDiL
V10 Gen7
sim: 66
sim: 88 % sim: 0.900 Bender Wirth: 434 Typ L1
CLU700/701
70 deg
90 %
0.770
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
70 deg
90 %
0.720
Bender Wirth: 434 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 67 deg
82 %
0.700
Bender Wirth: 437 Typ L1
CXA/B 15xx
70 deg
90 %
0.720
Bender Wirth: 441 Typ L1
LUXEON CoB 1202/1203
71 deg
90 %
0.710
Bender Wirth: 438 Typ L1
CXM-14
sim: 70
sim: 90 % sim: 0.700 Bender Wirth: 433 Typ L1
CXM-9
sim: 70
sim: 90 % sim: 0.720 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
70 deg
90 %
0.710
Bender Wirth: 438 Typ L1
COB J-Type
70 deg
89 %
0.670
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
70 deg
90 %
0.680
Bender Wirth: 438 Typ L1
Soleriq P9
71 deg
90 %
0.710
Bender Wirth: 461 Typ L1
Soleriq P13
70 deg
89 %
0.670
Bender Wirth: 437 Typ L1
Soleriq P6
67 deg
86 %
0.860
Bender Wirth: 446 Typ L1
Soleriq S13
70 deg
90 %
0.690
Bender Wirth: 437 Typ L1
Soleriq S15
sim: 74
sim: 95 % sim: 0.680 Bender Wirth: 433 Typ L1
LC026B/LC040B
70 deg
90 %
0.560
Bender Wirth: 450 Typ L2
LC010C
sim: 66
sim: 89 % sim: 0.910 Bender Wirth: 479 Typ L1
LC020C
sim: 70
sim: 88 % sim: 0.810 Bender Wirth: 479 Typ L1
LC040C
sim: 70
sim: 84 % sim: 0.730 Bender Wirth: 480 Typ L1
May 25th 2017 5:46 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCN14311

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14376 CREE-FCN14376 Datasheet
435Kb / 7P
   ANGELA series
FCN14380 CREE-FCN14380 Datasheet
556Kb / 7P
   ANGELA series
FCN14381 CREE-FCN14381 Datasheet
560Kb / 7P
   ANGELA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
   ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
   ANGELINA series
More results

Similar Description - FCN14311

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14711 CREE-FCN14711 Datasheet
444Kb / 6P
   Barbara series
FCN14286 CREE-FCN14286 Datasheet
363Kb / 7P
   Barbara series
FCN14712 CREE-FCN14712 Datasheet
405Kb / 7P
   Barbara series
FCN13927 CREE-FCN13927 Datasheet
2Mb / 44P
   Barbara series
FCN14710 CREE-FCN14710 Datasheet
426Kb / 6P
   Barbara series
FCN14283 CREE-FCN14283 Datasheet
555Kb / 9P
   Barbara series
FCN14709 CREE-FCN14709 Datasheet
561Kb / 9P
   Barbara series
C13032 CREE-C13032 Datasheet
1Mb / 18P
   Barbara series
logo
Ledil, Inc.
C11553-BARBARA-W LEDIL-C11553-BARBARA-W Datasheet
1Mb / 13P
   Barbara series
logo
Cree, Inc
C11553 CREE-C11553 Datasheet
1Mb / 18P
   Barbara series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com