Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASVTX-11-121 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVTX-11-121
Description  Vc function corresponds to PLL circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVTX-11-121 Datasheet(HTML) 1 Page - Abracon Corporation

  ASVTX-11-121 Datasheet HTML 1Page - Abracon Corporation ASVTX-11-121 Datasheet HTML 2Page - Abracon Corporation ASVTX-11-121 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASVTX-11-121-19.200MHz-T
SMD VCTCXO
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
• 3.2 x 2.5 x 0.9mm miniature package
• Low current consumption: 1.8mA max
• Vc function corresponds to PLL circuits
• Suitable for RoHS reflow profile
3.2 X 2.5 X 0.9mm
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture
Sensitive - MSL = N/A: Not Applicable
ESD Sensitive
• Cellular and cordless phones
• Standard OSC for test equipment
• Mobile communication equipment
• Portable radio equipment and music player
• PLL
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
0
2
.
9
1
y
c
n
e
u
q
e
r
F
r
e
t
n
e
C
Operating Temperature
-40
+85
°C
C
°
5
8
+
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Frequency Stability ∆f/f0 vs
-2.0
+2.0
ppm
@Vc = 2.0±0.2V
Tolerance (@+25°C) after reflow
Temperature (ref. to +25°C)
-2.0
+2.0
ppm
Supply Voltage Change (Vdd±5%)
-0.2
+0.2
ppm
Load Change (ZL±10%)
-0.2
+0.2
ppm
Supply Voltage (Vdd)
+3.135
+3.3
+3.465
V
Aging (first year @+25°C)
-1.0
+1.0
ppm
A
m
8
.
1
)
c
c
I
(
t
n
e
r
r
u
C
y
l
p
p
u
S
Voltage
Control
Function
Control Voltage (Vc)
+1.0
+2.0
+3.0
Vdc
Frequency Tuning Range
±8
ppm
Frequency Tuning Transition
Positive
Input Impedance
500
650
kΩ
Output
p
-
p
V
8
.
0
e
g
a
tl
o
V
F
p
0
1
//
k
0
1
d
a
o
L
e
v
a
W
e
n
i
S
d
e
p
p
il
C
m
r
o
f
e
v
a
W
z
H
k
1
@
c
B
d
5
3
1
-
e
s
i
o
N
e
s
a
h
P
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 10.19.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ASVTX-11-121

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVTX-11 ABRACON-ASVTX-11 Datasheet
3Mb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
3.20.07
ASVTX-11 ABRACON-ASVTX-11 Datasheet
206Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
02.25.08
logo
AVAGO TECHNOLOGIES LIMI...
ASVTX-11 AVAGO-ASVTX-11 Datasheet
959Kb / 2P
   Low current consumption 1.5mA for 19.68MHz Suitable for RoHS reflow profile
More results

Similar Description - ASVTX-11-121

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VSTW1152GA3SE-TR STANLEY-VSTW1152GA3SE-TR Datasheet
732Kb / 26P
   Corresponds to special color
VCEW1152GDS-TR STANLEY-VCEW1152GDS-TR Datasheet
746Kb / 26P
   Corresponds to special color
VSTW1152GDSE-3D3L3-TR STANLEY-VSTW1152GDSE-3D3L3-TR Datasheet
797Kb / 26P
   Corresponds to special color
VCKW1151CDS-TR STANLEY-VCKW1151CDS-TR Datasheet
695Kb / 25P
   Corresponds to demand of Corporate Color
logo
Holtek Semiconductor In...
HA0064E HOLTEK-HA0064E Datasheet
59Kb / 4P
   Decoder (102 - Corresponds to HT6010/HT6012)
logo
STANLEY ELECTRIC CO.,LT...
KUA0121C-TR STANLEY-KUA0121C-TR Datasheet
604Kb / 25P
   Higher temperature operating (corresponds to Automotive use)
logo
NIHON DEMPA KOGYO
NT5032SC NDK-NT5032SC Datasheet
87Kb / 1P
   Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO)
logo
STANLEY ELECTRIC CO.,LT...
VJDR1111C-4C21C-TR STANLEY-VJDR1111C-4C21C-TR Datasheet
532Kb / 21P
   Corresponds to higher reliability requirements products (for Automotive, etc.)
VJDR1111C-4C52A-TR STANLEY-VJDR1111C-4C52A-TR Datasheet
531Kb / 21P
   Corresponds to higher reliability requirements products (for Automotive, etc.)
VJDV1111C-4C74A-TR STANLEY-VJDV1111C-4C74A-TR Datasheet
534Kb / 21P
   Corresponds to higher reliability requirements products (for Automotive, etc.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com