Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASTX12-ASVTX12 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASTX12-ASVTX12
Description  Low phase noise
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX12-ASVTX12 Datasheet(HTML) 4 Page - Abracon Corporation

  ASTX12-ASVTX12 Datasheet HTML 1Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 2Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 3Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASVTX-12/ASTX-12
2.5 X 2.0 X 0.8mm
ULTRA MNIATURE SMD VC/TCXO
CERTIFIED
REFLOW PROFILE
TAPE & REEL:
Dimensions: mm
T: 1,000pcs/Reel
ATTENTION: Abracon LLC products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-tions.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon LLC is required. Please contact Abracon LLC for more information.
Pb RoHS/RoHS II compliant
ESD Sensitive
LLC
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 01.27.2017
A
B
C
D
E
2.4±/-0.1
2.9±/-0.1
8.0+0.3/-0.2
3.5±/-0.05
1.75±/-0.1
F
G
H
I
J
4.0±/-0.1
2.0±/-0.05
4.0±/-0.1
1.5+0.1/-0
1.1+0.1/-0
K
t
1.15±/-0.05
0.25±/-0.05


Similar Part No. - ASTX12-ASVTX12

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTX11-ASVTX11 ABRACON-ASTX11-ASVTX11 Datasheet
2Mb / 4P
   Standard OSC for exact equipment
08.12.14-M
ASTX11_ASVTX11 ABRACON-ASTX11_ASVTX11 Datasheet
959Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
07.27.11-K
More results

Similar Description - ASTX12-ASVTX12

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
   Low Phase Noise
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
   Low Phase Noise
logo
Unisonic Technologies
UGV3040L-TA3-T UTC-UGV3040L-TA3-T Datasheet
199Kb / 4P
   Low Phase Noise
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
   Ultra-Low Phase Noise
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
   Low Phase Noise OCXO
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
   Low Phase Noise TCXO
logo
SYNERGY MICROWAVE CORPO...
OXO10-1-412 SYNERGY-OXO10-1-412 Datasheet
1Mb / 2P
   Exceptionally Low Phase Noise
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
   Low Phase Noise Type
NZ3225SD NDK-NZ3225SD_18 Datasheet
829Kb / 2P
   Low Phase Noise Type
logo
M/A-COM Technology Solu...
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
   Ultra-Low Phase Noise
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com