Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0941AKILFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DBV0941AKILFT
Description  9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0941AKILFT Datasheet(HTML) 3 Page - Integrated Device Technology

  9DBV0941AKILFT Datasheet HTML 1Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 2Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0941AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MARCH 14, 2017
3
9-OUTPUT 1.8V HCSL FANOUT BUFFER WITH ZO = 100OHMS
9DBV0941 DATASHEET
Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1vSADR_tri
LATCHED
IN
Tri-level latch to select SMBus Address. It has an internal 120kohm pull down
resistor. See SMBus Address Selection Table.
2
vOE8#
IN
Active low input for enabling output 8. This pin has an internal 120kohm pull-
down.
1 = disable outputs, 0 = enable outputs.
3
DIF8
OUT
Differential true clock output.
4
DIF8#
OUT
Differential complementary clock output.
5
VDDR1.8
PWR
Power supply for differential input clock (receiver). This VDD should be treated
as an analog power rail and filtered appropriately. Nominally 1.8V.
6
CLK_IN
IN
True input for differential reference clock.
7
CLK_IN#
IN
Complementary input for differential reference clock.
8
GNDR
GND
Analog ground pin for the differential input (receiver).
9
GNDDIG
GND
Ground pin for digital circuitry.
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
VDDDIG1.8
PWR
1.8V digital power (dirty power).
13
VDDIO
PWR
Power supply for differential outputs.
14
vOE0#
IN
Active low input for enabling output 0. This pin has an internal 120kohm pull-
down.
1 = disable outputs, 0 = enable outputs.
15
DIF0
OUT
Differential true clock output.
16
DIF0#
OUT
Differential complementary clock output.
17
vOE1#
IN
Active low input for enabling output 1. This pin has an internal 120kohm pull-
down.
1 = disable outputs, 0 = enable outputs.
18
DIF1
OUT
Differential true clock output.
19
DIF1#
OUT
Differential complementary clock output.
20
VDD1.8
PWR
Power supply, nominally 1.8V.
21
VDDIO
PWR
Power supply for differential outputs.
22
GND
GND
Ground pin.
23
DIF2
OUT
Differential true clock output.
24
DIF2#
OUT
Differential complementary clock output.
25
vOE2#
IN
Active low input for enabling output 2. This pin has an internal 120kohm pull-
down.
1 = disable outputs, 0 = enable outputs.
26
DIF3
OUT
Differential true clock output.
27
DIF3#
OUT
Differential complementary clock output.
28
vOE3#
IN
Active low input for enabling output 3. This pin has an internal 120kohm pull-
down.
1 = disable outputs, 0 = enable outputs.
29
GND
GND
Ground pin.
30
VDD1.8
PWR
Power supply, nominally 1.8V.
31
VDDIO
PWR
Power supply for differential outputs.
32
DIF4
OUT
Differential true clock output.
33
DIF4#
OUT
Differential complementary clock output.
34
vOE4#
IN
Active low input for enabling output 4. This pin has an internal 120kohm pull-
down.
1 = disable outputs, 0 = enable outputs.
35
DIF5
OUT
Differential true clock output.


Similar Part No. - 9DBV0941AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0941AKILFT IDT-9DBV0941AKILFT Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0941AKILFT RENESAS-9DBV0941AKILFT Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0941AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
   6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
logo
Integrated Device Techn...
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com