Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0941 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9DBV0941
Description  9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0941 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9DBV0941_17 Datasheet HTML 5Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 6Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 7Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 8Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 9Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 10Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 11Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 12Page - Integrated Device Technology 9DBV0941_17 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MARCH 14, 2017
9
9-OUTPUT 1.8V HCSL FANOUT BUFFER WITH ZO = 100OHMS
9DBV0941 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Phase Jitter Parameters
TA = TCOM or TIND; Supply voltages per normal operation conditions; see Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Duty Cycle Distortion
tDCD
Measured differentially at 100MHz
-1
-0.1
1
%
1,3
Skew, Input to Output
tpdBYP
VT = 50%
1800
2342
3000
ps
1
Skew, Output to Output
tsk3
VT = 50%
37
60
ps
1,4
Jitter, Cycle to Cycle
tjcyc-cyc
Additive
Jitter
0.1
5
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform.
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock.
4 All outputs at default slew rate.
TA = TCOM or TIND; Supply voltages per normal operation conditions; see Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS Notes
tjphPCIeG1
PCIe Gen 1
0.1
5
N/A
ps
(p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.4
N/A
ps
(rms)
1,2,5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.01
0.4
N/A
ps
(rms)
1,2,5
tjphPCIeG3
PCIe Gen 3
(2-4MHz or 2-5MHz, CDR = 10MHz)
0.00
0.1
N/A
ps
(rms)
1,2,4,
5
tjphSGMIIM0
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
165
200
N/A
fs
(rms)
1,6
tjphSGMIIM1
125MHz, 12kHz to 20MHz, -20dB/decade rollover
< 1.5MHz, -40db/decade rolloff > 10MHz
251
300
N/A
fs
(rms)
1,6
1 Guaranteed by design and characterization, not 100% tested in production.
4 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2].
5 Driven by 9FGV0831 or equivalent.
6 Driven by Rohde & Schwarz SMA100.
2 See http://www.pcisig.com for complete specs.
3 Sample size of at least 100K cycles. This figure extrapolates to 108ps pk-pk at 1M cycles for a BER of 1-12.
tjphPCIeG2
Additive Phase Jitter


Similar Part No. - 9DBV0941_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
More results

Similar Description - 9DBV0941_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0741 IDT-9DBV0741_17 Datasheet
211Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0441 RENESAS-9DBV0441 Datasheet
753Kb / 18P
   4-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
February 6, 2023
9DBV0241 RENESAS-9DBV0241 Datasheet
756Kb / 17P
   2-Output 1.8V PCIe Zero Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0641 RENESAS-9DBV0641 Datasheet
764Kb / 18P
   6-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
AUGUST 2, 2021
9DBV0841 RENESAS-9DBV0841 Datasheet
735Kb / 16P
   8-Output 1.8V PCIe Zero-Delay/Fanout Clock Buffer with Zo = 100ohms
FEBRUARY 6, 2023
logo
Integrated Device Techn...
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
   9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com