Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASTMKJ Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASTMKJ
Description  Sport video cams
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMKJ Datasheet(HTML) 6 Page - Abracon Corporation

  ASTMKJ Datasheet HTML 1Page - Abracon Corporation ASTMKJ Datasheet HTML 2Page - Abracon Corporation ASTMKJ Datasheet HTML 3Page - Abracon Corporation ASTMKJ Datasheet HTML 4Page - Abracon Corporation ASTMKJ Datasheet HTML 5Page - Abracon Corporation ASTMKJ Datasheet HTML 6Page - Abracon Corporation ASTMKJ Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
LLC
OUTLINE DIMENSION:
Recommended Land Pattern
Dimensions: mm
Item
Conditions
TS MAX to TL (Ramp-up Rate)
3°C/second max
Preheat
Temperature Minimum (TS MIN)
150°C
Temperature Typical (TS TYP)
175°C
Temperature Maximum (TS MAX)
200°C
Time (tS
s
d
n
o
c
e
s
0
8
1
0
6
)
Ramp-up Rate (TL to TP)
3°C/second max
Time Maintained Above
Temperature (TL)
217°C
Time (tL
s
d
n
o
c
e
s
0
5
1
0
6
)
Peak Temperature (TP)
260°C max
Target Peak Temperature (TP Target)
255°C
Time within 5°C of actual peak (tP)
20 – 40 seconds
Max. Number of Reflow Cycles
3
Ramp-down Rate
6°C/second max
Time 25°C to Peak Temperature (t)
8 minutes max
REFLOW PROFILE:
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
ASTMKJ
Pin
Name
I/O
Functionality
1,4
GND
Power Supply Ground Connect to ground. Acceptable to connect pin 1 and
4 together. Both pins must be connected to GND.
2
CLK Out
OUT
Oscillator clock output.
3
Vdd
Power Supply
Connect to power supply 1.2V≤Vdd≤3.63V. Under
normal operating conditions, Vdd doesn’t require
external bypass/decoupling capacitor(s). Internal
power supply filtering will reject more than
±150mVpp with frequency components through
10MHz.
1.54 x 0.84 x 0.60mm
Revised: 06.17.2017
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com


Similar Part No. - ASTMKJ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ASTMK06 ABRACON-ASTMK06 Datasheet
3Mb / 5P
   RTC reference clock
06.17.2017
ASTMKH ABRACON-ASTMKH Datasheet
3Mb / 7P
   RTC reference clock
06.17.2017
More results

Similar Description - ASTMKJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDSQQNR-064G-GN6IA ETC1-SDSQQNR-064G-GN6IA Datasheet
864Kb / 3P
   Ideal for dash cams and home monitoring systems
AN2210S ETC-AN2210S Datasheet
307Kb / 5P
   Video Camera Video Output Circuit
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
New Japan Radio
NJM2258 NJRC-NJM2258 Datasheet
262Kb / 7P
   VIDEO EQUALIZER
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
   Video amplifier
April 15, 1992
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
logo
Winchester Electronics ...
SD7575-46 WINCHESTER-SD7575-46 Datasheet
94Kb / 1P
   JACKFIELD, VIDEO
logo
Agamem Microelectronic ...
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
   Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
   Video Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com