Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C423NLWFT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS5C423NLWFT3G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C423NLWFT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS5C423NLWFT3G Datasheet HTML 1Page - ON Semiconductor NVMFS5C423NLWFT3G Datasheet HTML 2Page - ON Semiconductor NVMFS5C423NLWFT3G Datasheet HTML 3Page - ON Semiconductor NVMFS5C423NLWFT3G Datasheet HTML 4Page - ON Semiconductor NVMFS5C423NLWFT3G Datasheet HTML 5Page - ON Semiconductor NVMFS5C423NLWFT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFS5C423NL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
10
100
1000
10000
0
10
203040
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
48
40
32
24
8
4
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
0
10
15
20
25
30
5
VDS = 20 V
TJ = 25°C
ID = 50 A
QT
QGS
QGD
VGS = 4.5 V
VDD = 20 V
ID = 50 A
td(off)
td(on)
tf
tr
TJ = 125°C
TJ = 25°C
TJ = −55°C
12
16 20
28
36
44
1.0
10.0
100.0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Figure 11. Safe Operating Area
Figure 12. IPEAK vs. Time in Avalanche
VDS (V)
TIME IN AVALANCHE (s)
100
10
1
0.1
1
10
100
1000
1
10
TJ(initial) = 100°C
TJ(initial) = 25°C
1E−04
1E−02
RDS(on) Limit
Thermal Limit
Package Limit
dc
0.01 ms
0.1 ms
1 ms
10 ms
TC = 25°C
VGS ≤ 10 V
1E−03
100


Similar Part No. - NVMFS5C423NLWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C423NLWFT3G ONSEMI-NVMFS5C423NLWFT3G Datasheet
133Kb / 6P
   Single N?묬hannel Power MOSFET
June, 2015 ??Rev. 0
More results

Similar Description - NVMFS5C423NLWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com