Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C426NAFT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFS5C426NAFT1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C426NAFT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFS5C426NAFT1G Datasheet HTML 1Page - ON Semiconductor NVMFS5C426NAFT1G Datasheet HTML 2Page - ON Semiconductor NVMFS5C426NAFT1G Datasheet HTML 3Page - ON Semiconductor NVMFS5C426NAFT1G Datasheet HTML 4Page - ON Semiconductor NVMFS5C426NAFT1G Datasheet HTML 5Page - ON Semiconductor NVMFS5C426NAFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFS5C426N
www.onsemi.com
5
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 13. Thermal Characteristics
PULSE TIME (sec)
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping
NVMFS5C426NT1G
5C426N
DFN5
(Pb−Free)
1500 / Tape & Reel
NVMFS5C426NWFT1G
426NWF
DFN5
(Pb−Free, Wettable Flanks)
1500 / Tape & Reel
NVMFS5C426NT3G
5C426N
DFN5
(Pb−Free)
5000 / Tape & Reel
NVMFS5C426NWFT3G
426NWF
DFN5
(Pb−Free, Wettable Flanks)
5000 / Tape & Reel
NVMFS5C426NAFT1G
5C426
DFN5
(Pb−Free)
1500 / Tape & Reel
NVMFS5C426NWFAFT1G
426NWF
DFN5
(Pb−Free, Wettable Flanks)
1500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NVMFS5C426NAFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C426N ONSEMI-NVMFS5C426N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS5C426NLT1G ONSEMI-NVMFS5C426NLT1G Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS5C426NLWFT1G ONSEMI-NVMFS5C426NLWFT1G Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS5C426NT1G ONSEMI-NVMFS5C426NT1G Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2015 ??Rev. 0
More results

Similar Description - NVMFS5C426NAFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com