Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C426NWFT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS5C426NWFT3G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C426NWFT3G Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS5C426NWFT3G Datasheet HTML 1Page - ON Semiconductor NVMFS5C426NWFT3G Datasheet HTML 2Page - ON Semiconductor NVMFS5C426NWFT3G Datasheet HTML 3Page - ON Semiconductor NVMFS5C426NWFT3G Datasheet HTML 4Page - ON Semiconductor NVMFS5C426NWFT3G Datasheet HTML 5Page - ON Semiconductor NVMFS5C426NWFT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS5C426N
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
012
34
5
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
4.0 V
4.4 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 50 A
TJ = 25°C
VGS = 10 V
VGS = 10 V
ID = 50 A
TJ = 125°C
TJ = 85°C
VDS = 10 V
TJ = 150°C
10 V to
6.0 V
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.8 V
5.2 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
0
20
40
80
100
200
2.2
1.8
1.4
1.0
0.6
60
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50 −25
0
25
50
75
100 125 150 175
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
515
25
35
140
160
180
200
140
160
180
200
67
2.0
1.6
1.2
0.8
120
160 180
140
10
20
30
40
220
240
260
280
300
220
240
260
280
300


Similar Part No. - NVMFS5C426NWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C426NWFT3G ONSEMI-NVMFS5C426NWFT3G Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2015 ??Rev. 0
More results

Similar Description - NVMFS5C426NWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com