Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C442NL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFS5C442NL
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C442NL Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFS5C442NL Datasheet HTML 1Page - ON Semiconductor NVMFS5C442NL Datasheet HTML 2Page - ON Semiconductor NVMFS5C442NL Datasheet HTML 3Page - ON Semiconductor NVMFS5C442NL Datasheet HTML 4Page - ON Semiconductor NVMFS5C442NL Datasheet HTML 5Page - ON Semiconductor NVMFS5C442NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFS5C442NL
www.onsemi.com
5
Figure 13. Thermal Characteristics
PULSE TIME (sec)
0.01
0.001
1
0.0001
0.1
0.00001
10
0.000001
0.01
0.1
1
10
100
100
1000
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
NVMFS5C442NL 650 mm2, 2 oz., Cu Single Layer Pad
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping
NVMFS5C442NLT1G
5C442L
DFN5
(Pb−Free)
1500 / Tape & Reel
NVMFS5C442NLWFT1G
442LWF
DFN5
(Pb−Free, Wettable Flanks)
1500 / Tape & Reel
NVMFS5C442NLT3G
5C442L
DFN5
(Pb−Free)
5000 / Tape & Reel
NVMFS5C442NLWFT3G
442LWF
DFN5
(Pb−Free, Wettable Flanks)
5000 / Tape & Reel
NVMFS5C442NLAFT1G
5C442L
DFN5
(Pb−Free)
1500 / Tape & Reel
NVMFS5C442NLWFAFT1G
442LWF
DFN5
(Pb−Free, Wettable Flanks)
1500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NVMFS5C442NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
85Kb / 6P
   Power MOSFET
March, 2017 ??Rev. 3
NVMFS5C442NAFT1G ONSEMI-NVMFS5C442NAFT1G Datasheet
85Kb / 6P
   Power MOSFET
March, 2017 ??Rev. 3
NVMFS5C442NT1G ONSEMI-NVMFS5C442NT1G Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C442NT1G ONSEMI-NVMFS5C442NT1G Datasheet
85Kb / 6P
   Power MOSFET
March, 2017 ??Rev. 3
More results

Similar Description - NVMFS5C442NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com