Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR12BP101EKMM Datasheet(PDF) 2 Page - AVX Corporation

Part # CDR12BP101EKMM
Description  Microwave MLC?셲
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR12BP101EKMM Datasheet(HTML) 2 Page - AVX Corporation

  CDR12BP101EKMM Datasheet HTML 1Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 2Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 3Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 4Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 5Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 6Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 7Page - AVX Corporation CDR12BP101EKMM Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8
213
Microwave MLC’s
CDR Series — MIL-PRF-55681 (RF/Microwave Chips)
TABLE I: STYLES CDR11 AND CDR12 CAPACITOR CHARACTERISTICS
Type
Rated temperature
Designation
Capacitance
Capacitance
and
WVDC
1/
in pF
tolerance
V/Temperature
CDR1 -B-0R1AB--
0.1
B
BG, BP
50
CDR1 -B-0R2AB--
0.2
B
BG, BP
50
CDR1 -B-0R3A---
0.3
B, C
BG, BP
50
CDR1 -B-0R4A---
0.4
B, C
BG, BP
50
CDR1 -B-0R5A---
0.5
B, C, D
BG, BP
50
CDR1 -B-0R6A---
0.6
B, C, D
BG, BP
50
CDR1 -B-0R7A---
0.7
B, C, D
BG, BP
50
CDR1 -B-0R8A---
0.8
B, C, D
BG, BP
50
CDR1 -B-0R9A---
0.9
B, C, D
BG, BP
50
CDR1 -B-1R0A---
1.0
B, C, D
BG, BP
50
CDR1 -B-1R1A---
1.1
B, C, D
BG, BP
50
CDR1 -B-1R2A---
1.2
B, C, D
BG, BP
50
CDR1 -B-1R3A---
1.3
B, C, D
BG, BP
50
CDR1 -B-1R4A---
1.4
B, C, D
BG, BP
50
CDR1 -B-1R5A---
1.5
B, C, D
BG, BP
50
CDR1 -B-1R6A---
1.6
B, C, D
BG, BP
50
CDR1 -B-1R7A---
1.7
B, C, D
BG, BP
50
CDR1 -B-1R8A---
1.8
B, C, D
BG, BP
50
CDR1 -B-1R9A---
1.9
B, C, D
BG, BP
50
CDR1 -B-2R0A---
2.0
B, C, D
BG, BP
50
CDR1 -B-2R1A---
2.1
B, C, D
BG, BP
50
CDR1 -B-2R2A---
2.2
B, C, D
BG, BP
50
CDR1 -B-2R4A---
2.4
B, C, D
BG, BP
50
CDR1 -B-2R7A---
2.7
B, C, D
BG, BP
50
CDR1 -B-3R0A---
3.0
B, C, D
BG, BP
50
CDR1 -B-3R3A---
3.3
B, C, D
BG, BP
50
CDR1 -B-3R6A---
3.6
B, C, D
BG, BP
50
CDR1 -B-3R9A---
3.9
B, C, D
BG, BP
50
CDR1 -B-4R3A---
4.3
B, C, D
BG, BP
50
CDR1 -B-4R7A---
4.7
B, C, D
BG, BP
50
CDR1 -B-5R1A---
5.1
B, C, D
BG, BP
50
CDR1 -B-5R6A---
5.6
B, C, D
BG, BP
50
CDR1 -B-6R2A---
6.2
B, C, D
BG, BP
50
CDR1 -B-6R8A---
6.8
B, C, J, K, M
BG, BP
50
CDR1 -B-7R5A---
7.5
B, C, J, K, M
BG, BP
50
CDR1 -B-8R2A---
8.2
B, C, J, K, M
BG, BP
50
CDR1 -B-9R1A---
9.1
B, C, J, K, M
BG, BP
50
CDR1 -B-100A---
10
F, G, J, K, M
BG, BP
50
CDR1 -B-110A---
11
F, G, J, K, M
BG, BP
50
CDR1 -B-120A---
12
F, G, J, K, M
BG, BP
50
CDR1 -B-130A---
13
F, G, J, K, M
BG, BP
50
CDR1 -B-150A---
15
F, G, J, K, M
BG, BP
50
CDR1 -B-160A---
16
F, G, J, K, M
BG, BP
50
CDR1 -B-180A---
18
F, G, J, K, M
BG, BP
50
CDR1 -B-200A---
20
F, G, J, K, M
BG, BP
50
CDR1 -B-220A---
22
F, G, J, K, M
BG, BP
50
CDR1 -B-240A---
24
F, G, J, K, M
BG, BP
50
CDR1 -B-270A---
27
F, G, J, K, M
BG, BP
50
Type
Rated temperature
Designation
Capacitance
Capacitance
and
WVDC
1/
in pF
tolerance
V/Temperature
CDR1 -B-300A---
30
F, G, J, K, M
BG, BP
50
CDR1 -B-330A---
33
F, G, J, K, M
BG, BP
50
CDR1 -B-360A---
36
F, G, J, K, M
BG, BP
50
CDR1 -B-390A---
39
F, G, J, K, M
BG, BP
50
CDR1 -B-430A---
43
F, G, J, K, M
BG, BP
50
CDR1 -B-470A---
47
F, G, J, K, M
BG, BP
50
CDR1 -B-510A---
51
F, G, J, K, M
BG, BP
50
CDR1 -B-560A---
56
F, G, J, K, M
BG, BP
50
CDR1 -B-620A---
62
F, G, J, K, M
BG, BP
50
CDR1 -B-680A---
68
F, G, J, K, M
BG, BP
50
CDR1 -B-750A---
75
F, G, J, K, M
BG, BP
50
CDR1 -B-820A---
82
F, G, J, K, M
BG, BP
50
CDR1 -B-910A---
91
F, G, J, K, M
BG, BP
50
CDR1 -B-101A---
100
F, G, J, K, M
BG, BP
50
CDR1 -B-111A---
110
F, G, J, K, M
BP
50
CDR1 -B-121A---
120
F, G, J, K, M
BP
50
CDR1 -B-131A---
130
F, G, J, K, M
BP
50
CDR1 -B-151A---
150
F, G, J, K, M
BP
50
CDR1 -B-161A---
160
F, G, J, K, M
BP
50
CDR1 -B-181A---
180
F, G, J, K, M
BP
50
CDR1 -B-201A---
200
F, G, J, K, M
BP
50
CDR1 -B-221A---
220
F, G, J, K, M
BP
50
CDR1 -B-241A---
240
F, G, J, K, M
BP
50
CDR1 -B-271A---
270
F, G, J, K, M
BP
50
CDR1 -B-301A---
300
F, G, J, K, M
BP
50
CDR1 -B-331A---
330
F, G, J, K, M
BP
50
CDR1 -B-361A---
360
F, G, J, K, M
BP
50
CDR1 -B-391A---
390
F, G, J, K, M
BP
50
CDR1 -B-431A---
430
F, G, J, K, M
BP
50
CDR1 -B-471A---
470
F, G, J, K, M
BP
50
CDR1 -B-511A---
510
F, G, J, K, M
BP
50
CDR1 -B-561A---
560
F, G, J, K, M
BP
50
CDR1 -B-621A---
620
F, G, J, K, M
BP
50
CDR1 -B-681A---
680
F, G, J, K, M
BP
50
CDR1 -B-751A---
750
F, G, J, K, M
BP
50
CDR1 -B-821A---
820
F, G, J, K, M
BP
50
CDR1 -B-911A---
910
F, G, J, K, M
BP
50
CDR1 -B-102A---
1000
F, G, J, K, M
BP
50
1/Complete type designation will include additional symbols to indicate style,
voltage-temperature limits, capacitance tolerance (where applicable), termina-
tion finish (“M” or “N” for style CDR11, and “S”, “U”, “W”, “Y” or “Z” for style
CDR12) and failure rate level.


Similar Part No. - CDR12BP101EKMM

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
CDR1247UBKPDLRSTA HUBERSUHNER-CDR1247UBKPDLRSTA Datasheet
26Mb / 1P
   CDR 300, 47U, pe%orated vented doors le&, standard, black
CDR1247UGYPDLRSTA HUBERSUHNER-CDR1247UGYPDLRSTA Datasheet
26Mb / 1P
   CDR 300, 47U, pe(orated vented doors le), standard, grey
logo
Sumida Corporation
CDR125 SUMIDA-CDR125 Datasheet
147Kb / 2P
   Power Inductors
logo
AIT Components Ltd.
CDR125B AITCOMPONENTS-CDR125B Datasheet
31Kb / 1P
   CDR125B SMD POWER INDUCTOR
CDR125B-100 AITCOMPONENTS-CDR125B-100 Datasheet
31Kb / 1P
   CDR125B SMD POWER INDUCTOR
More results

Similar Description - CDR12BP101EKMM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com