Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD6820NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVD6820NL
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD6820NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVD6820NL Datasheet HTML 1Page - ON Semiconductor NVD6820NL Datasheet HTML 2Page - ON Semiconductor NVD6820NL Datasheet HTML 3Page - ON Semiconductor NVD6820NL Datasheet HTML 4Page - ON Semiconductor NVD6820NL Datasheet HTML 5Page - ON Semiconductor NVD6820NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVD6820NL
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
5
4
3
2
1
0
0
20
40
60
100
4.0
3.5
3.0
2.5
2.0
0
20
40
60
100
Figure 3. On−Resistance vs. Gate Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
8
6
4
2
0.010
0.011
0.012
0.013
0.014
0.015
70
40
20
10
0.010
0.011
0.012
0.013
0.014
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE (V)
150
125
100
50
25
0
−25
−50
0.4
1.0
1.6
2.2
2.8
90
70
60
50
40
30
20
10
1 k
10 k
100 k
30
50
60
80
75
175
80
VGS = 10 V
TJ = 25°C
4.5 V
3.8 V
3.6 V
3.4 V
3.2 V
3.0 V
2.8 V
VDS ≥ 10 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
ID = 20 A
TJ = 25°C
TJ = 25°C
VGS = 10 V
VGS = 4.5 V
ID = 20 A
VGS = 10 V
VGS = 0 V
TJ = 125°C
TJ = 150°C
0.016
0.018
80
80
0.017
0.015
0.016


Similar Part No. - NVD6820NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6820NL ONSEMI-NVD6820NL Datasheet
113Kb / 6P
   Power MOSFET 90 V, 17 m, 50 A, Single N.Channel
August, 2012 ??Rev. 0
NVD6820NLT4G ONSEMI-NVD6820NLT4G Datasheet
113Kb / 6P
   Power MOSFET 90 V, 17 m, 50 A, Single N.Channel
August, 2012 ??Rev. 0
More results

Similar Description - NVD6820NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com