Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5117PLT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVD5117PLT4G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5117PLT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NVD5117PLT4G Datasheet HTML 1Page - ON Semiconductor NVD5117PLT4G Datasheet HTML 2Page - ON Semiconductor NVD5117PLT4G Datasheet HTML 3Page - ON Semiconductor NVD5117PLT4G Datasheet HTML 4Page - ON Semiconductor NVD5117PLT4G Datasheet HTML 5Page - ON Semiconductor NVD5117PLT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVD5117PL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
0
123
45
Figure 1. On−Region Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−4.5 V
VGS = −10 V
TJ = 25°C
−4.2 V
−4 V
−3.8 V
−3.6 V
−3.4 V
−3.2 V
−3 V
0
20
40
60
80
100
120
23
45
6
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (V)
VDS ≥ −10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (V)
0.010
0.012
0.014
0.016
0.018
0.020
0.022
0.024
10
20
30
40
50
60
70
80
90
100 110 120
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (A)
VGS = −4.5 V
TJ = 25°C
VGS = −10 V
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
−50
−25
0
25
50
75
100
125
150
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
VGS = −10 V
ID = −29 A
100
1000
10000
100000
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 150°C
0.005
0.015
0.025
0.035
0.045
0.055
0.065
34
56
78
9
10
ID = −29 A
TJ = 25°C
5
101520
25303540
455055
60
VGS = 0 V


Similar Part No. - NVD5117PLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5117PLT4G ONSEMI-NVD5117PLT4G Datasheet
146Kb / 6P
   ??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0
More results

Similar Description - NVD5117PLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com