Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5490NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVD5490NL
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5490NL Datasheet(HTML) 4 Page - ON Semiconductor

  NVD5490NL_16 Datasheet HTML 1Page - ON Semiconductor NVD5490NL_16 Datasheet HTML 2Page - ON Semiconductor NVD5490NL_16 Datasheet HTML 3Page - ON Semiconductor NVD5490NL_16 Datasheet HTML 4Page - ON Semiconductor NVD5490NL_16 Datasheet HTML 5Page - ON Semiconductor NVD5490NL_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVD5490NL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Qgs
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
40
30
20
10
0
0
200
400
600
800
15
10
5
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
1.5
1.0
0.5
0
0
5
10
15
20
25
30
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ, STARTING JUNCTION TEMPERATURE (°C)
100
10
1
0.1
0.001
0.01
0.1
1
10
100
175
150
125
100
75
50
25
0
5
10
15
20
25
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
VDS = 48 V
ID = 9 A
TJ = 25°C
QT
Qgd
VDD = 48 V
ID = 9 A
VGS = 4.5 V
tr
tf
td(off)
td(on)
VGS = 0 V
TJ = 25°C
VGS = 10 V
Single Pulse
TC = 25°C
10
mS
100
mS
1 mS
10 mS
dc
RDS(on) Limit
Thermal Limit
Package Limit
ID = 17 A


Similar Part No. - NVD5490NL_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5490NLT4G ONSEMI-NVD5490NLT4G Datasheet
117Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2012 ??Rev. 1
More results

Similar Description - NVD5490NL_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com