Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5C632NLT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVD5C632NLT4G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5C632NLT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NVD5C632NLT4G Datasheet HTML 1Page - ON Semiconductor NVD5C632NLT4G Datasheet HTML 2Page - ON Semiconductor NVD5C632NLT4G Datasheet HTML 3Page - ON Semiconductor NVD5C632NLT4G Datasheet HTML 4Page - ON Semiconductor NVD5C632NLT4G Datasheet HTML 5Page - ON Semiconductor NVD5C632NLT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVD5C632NL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
24
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
2.1
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.8
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 50 A
2.1
2.5
m
W
VGS = 4.5 V, ID = 50 A
2.7
3.4
Forward Transconductance
gFS
VDS = 3 V, ID = 50 A
185
S
CHARGES, CAPACITANCES AND GATE RESISTANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
5700
pF
Output Capacitance
Coss
2800
Reverse Transfer Capacitance
Crss
36
Total Gate Charge
QG(TOT)
VDS = 48 V,
ID = 50 A
VGS = 4.5 V
34
nC
VGS = 10 V
78
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 48 V,
ID = 50 A
34.0
nC
Threshold Gate Charge
QG(TH)
9.5
Gate−to−Source Charge
QGS
16.8
Gate−to−Drain Charge
QGD
6.1
Plateau Voltage
VGP
3.1
V
Gate Resistance
RG
0.7
W
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 48 V,
ID = 50 A, RG = 2.5 W
20
ns
Rise Time
tr
126
Turn−Off Delay Time
td(off)
65
Fall Time
tf
121
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.8
1.2
V
TJ = 125°C
0.7
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 50 A
71
ns
Charge Time
ta
36
Discharge Time
tb
36
Reverse Recovery Charge
QRR
110
nC
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVD5C632NLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5C648NL ONSEMI-NVD5C648NL Datasheet
85Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 0
logo
Inchange Semiconductor ...
NVD5C648NL ISC-NVD5C648NL Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NVD5C648NLT4G ONSEMI-NVD5C648NLT4G Datasheet
85Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 0
NVD5C668NL ONSEMI-NVD5C668NL Datasheet
90Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 0
logo
Inchange Semiconductor ...
NVD5C668NL ISC-NVD5C668NL Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NVD5C632NLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com