Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD5C632NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVD5C632NL
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5C632NL Datasheet(HTML) 4 Page - ON Semiconductor

  NVD5C632NL Datasheet HTML 1Page - ON Semiconductor NVD5C632NL Datasheet HTML 2Page - ON Semiconductor NVD5C632NL Datasheet HTML 3Page - ON Semiconductor NVD5C632NL Datasheet HTML 4Page - ON Semiconductor NVD5C632NL Datasheet HTML 5Page - ON Semiconductor NVD5C632NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVD5C632NL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
60
50
40
30
20
10
0
1
80
60
50
40
30
20
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
10
100
1000
1.0
0.8
0.7
0.6
0.5
0.4
0.3
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Drain Current vs. Time in
Avalanche
VDS, DRAIN−TO−SOURCE VOLTAGE(V)
TIME IN AVALANCHE (s)
1000
10
1
0.1
0.1
10
100
1000
1
10
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
VDS = 48 V
TJ = 25°C
ID = 50 A
QT
QGS
QGD
VGS = 4.5 V
VDS = 48 V
ID = 50 A
td(off)
td(on)
tf
tr
TJ = 125°C
TJ = 25°C
TJ = −55°C
10
TJ(initial) = 100°C
TJ(initial) = 25°C
1E−04
1E−02
RDS(on) Limit
Thermal Limit
Package Limit
10
ms
1 ms
10 ms
1E−03
100
10
1K
10K
1
3
5
7
9
100
1
1
100
0.5 ms
VGS ≤ 10 V
Single Pulse
TC = 25°C
100
0.9
10
70
VGS = 0 V


Similar Part No. - NVD5C632NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5C648NL ONSEMI-NVD5C648NL Datasheet
85Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 0
logo
Inchange Semiconductor ...
NVD5C648NL ISC-NVD5C648NL Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NVD5C648NLT4G ONSEMI-NVD5C648NLT4G Datasheet
85Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 0
NVD5C668NL ONSEMI-NVD5C668NL Datasheet
90Kb / 6P
   Power MOSFET
January, 2017 ??Rev. 0
logo
Inchange Semiconductor ...
NVD5C668NL ISC-NVD5C668NL Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NVD5C632NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com