Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5414NT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD5414NT4G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5414NT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD5414NT4G Datasheet HTML 1Page - ON Semiconductor NTD5414NT4G Datasheet HTML 2Page - ON Semiconductor NTD5414NT4G Datasheet HTML 3Page - ON Semiconductor NTD5414NT4G Datasheet HTML 4Page - ON Semiconductor NTD5414NT4G Datasheet HTML 5Page - ON Semiconductor NTD5414NT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTD5414N, NVD5414N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage Temper-
ature Coefficient
V(BR)DSS/TJ
67.3
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
TJ = 25°C
1.0
mA
TJ = 150°C
50
Gate−Body Leakage Current
IGSS
VDS = 0 V, VGS = $20 V
$100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
VGS = VDS, ID = 250 mA
2.0
3.2
4.0
V
Negative Threshold Temperature Coefficient
VGS(th)/TJ
0.74
mV/
°C
Drain−to−Source On−Voltage
VDS(on)
VGS = 10 V, ID = 24 A
0.7
1.16
V
VGS = 10 V, ID = 12 A, 150°C
0.7
Drain−to−Source On−Resistance
RDS(on)
VGS = 10 V, ID = 24 A
28.4
37
m
W
Forward Transconductance
gFS
VDS = 15 V, ID = 20 A
24
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V,
f = 1 MHz
800
1200
pF
Output Capacitance
Coss
165
Transfer Capacitance
Crss
75
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V,
ID = 24 A
25
48
nC
Threshold Gate Charge
QG(TH)
1.1
Gate−to−Source Charge
QGS
4.8
Gate−to−Drain Charge
QGD
11.3
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(on)
VGS = 10 V, VDD = 48 V,
ID = 24 A, RG = 9.1 W
12
ns
Rise Time
tr
58
Turn−Off Delay Time
td(off)
47
Fall Time
tf
69
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage (Note 2)
VSD
VGS = 0 V
IS = 24 A
TJ = 25°C
0.92
1.15
V
TJ = 125°C
0.8
Reverse Recovery Time
trr
IS = 24 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms
45.7
ns
Charge Time
ta
31.7
Discharge Time
tb
14
Reverse Recovery Stored Charge
QRR
76
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD5414NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5414NT4G ONSEMI-NTD5414NT4G Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
logo
SHENZHEN DOINGTER SEMIC...
NTD5414NT4G DOINGTER-NTD5414NT4G Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NTD5414NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com