Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD4810NT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVD4810NT4G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD4810NT4G Datasheet(HTML) 5 Page - ON Semiconductor

  NVD4810NT4G Datasheet HTML 1Page - ON Semiconductor NVD4810NT4G Datasheet HTML 2Page - ON Semiconductor NVD4810NT4G Datasheet HTML 3Page - ON Semiconductor NVD4810NT4G Datasheet HTML 4Page - ON Semiconductor NVD4810NT4G Datasheet HTML 5Page - ON Semiconductor NVD4810NT4G Datasheet HTML 6Page - ON Semiconductor NVD4810NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTD4810N, NVD4810N
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
Crss
10
0
10
15
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
1000
0
VGS
VDS
2000
55
VGS = 0 V
VDS = 0 V
TJ = 25°C
Ciss
Coss
Crss
Ciss
1500
Figure 8. Gate−To−Source and Drain−To−Source
Voltage vs. Total Charge
0
0.5
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
100
0.6
0.7
1.0
5
10
15
tr
td(off)
td(on)
tf
10
VDD = 15 V
ID = 30 A
VGS = 11.5 V
0.8
0.9
20
30
25
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.1
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100 ms
10 ms
dc
10 ms
20
1
100
0
25
TJ, JUNCTION TEMPERATURE (°C)
ID = 14 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
50
75
175
20
60
80
100
125
100
110
150
500
40
10
50
70
90
30
0
2
0
QG, TOTAL GATE CHARGE (nC)
12
4
10
5
ID = 30 A
0 V < VGS < 11.5 V
TJ = 25°C
Q2
QT
6
8
10
1
11
3
5
7
9
1 2 3 4
6 7 8 9
111213141516171819 202122
Q1


Similar Part No. - NVD4810NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD4813NH ONSEMI-NVD4813NH Datasheet
117Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
NVD4813NHT4G ONSEMI-NVD4813NHT4G Datasheet
117Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
NVD4815N ONSEMI-NVD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NVD4815NT4G ONSEMI-NVD4815NT4G Datasheet
122Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 8
More results

Similar Description - NVD4810NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com