Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS0530TB6_R1_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS0530TB6_R1_00001
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0530TB6_R1_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS0530TB6_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS0530TB6_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS0530TB6_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS0530TB6_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS0530TB6_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
June 2,2016­REV.01
SS0530TB6
RATING A ND CHARACTERISTIC CURVES
1
10
100
1000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
TC, Case Temperature (°C)
0.0001
0.001
0.01
0.1
1
10
100
1000
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
0.01
0.1
1
0
0.2
0.4
0.6
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
Fig.4 Typical Forward Characteristics


Similar Part No. - SS0530TB6_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS0530TB6 PANJIT-SS0530TB6 Datasheet
199Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS0530TB6_R1_00001

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com