Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ26220 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26220
Description  HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26220 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ26220 Datasheet HTML 2Page - Texas Instruments BQ26220 Datasheet HTML 3Page - Texas Instruments BQ26220 Datasheet HTML 4Page - Texas Instruments BQ26220 Datasheet HTML 5Page - Texas Instruments BQ26220 Datasheet HTML 6Page - Texas Instruments BQ26220 Datasheet HTML 7Page - Texas Instruments BQ26220 Datasheet HTML 8Page - Texas Instruments BQ26220 Datasheet HTML 9Page - Texas Instruments BQ26220 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
bq26220
SLUS521B − AUGUST 2002 − REVISED FEBRUARY 2004
6
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
UDG−02050
RBI
GPIO
VCC
SRP
VSS
SRN
HDQ
BAT
Multiplexer
Temperature
Sensor
Autocalibrating
VFC
Bandgap,
Reference and
Bias
ADC
RAM
Temperature
Compensated
Precision
Oscillator
Timer
System I/O
and Control
User
Registers
Flash
ID
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
No.
I/O
DESCRIPTION
BAT
5
I
Battery voltage sense input. This pin is used for sensing and measuring the battery voltage.
RBI
1
I
Register backup input. The RBI input pin is used with a storage capacitor or external supply to
provide backup potential to the internal RAM and registers while VCC is < V(POR).
GPIO
8
I/O
General-purpose input/output pin. GPIO is a general-purpose programmable input or output port
whose state is controlled via the HDQ serial communications interface.
HDQ
4
I/O
Single-wire HDQ interface. HDQ is a single-wire serial communications interface port. This
bidirectional input/output communicates the register information to the host.
SRN
6
I
Current sense input 2. The bq26220 interprets charge and discharge activity by monitoring and
integrating the voltage drop, VSR, across pins SRP and SRN. The SRN input connects to the
sense resistor and the negative terminal of the pack. VSRP < VSRN indicates discharge, and
VSRP > VSRN indicates charge.
SRP
7
I
Current sense input 1. The bq26220 interprets charge and discharge activity by monitoring and
integrating the voltage drop, VSR, across pins SRP and SRN. The SRP input connects to the
sense resistor and the negative terminal of the battery. VSRP < VSRN indicates discharge, and
VSRP > VSRN indicates charge.
VCC
2
I
Supply voltage
VSS
3
Ground


Similar Part No. - BQ26220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26220 TI1-BQ26220 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
BQ26220PW TI1-BQ26220PW Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
BQ26220PWG4 TI1-BQ26220PWG4 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
BQ26220PWR TI1-BQ26220PWR Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
BQ26220PWRG4 TI1-BQ26220PWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
More results

Similar Description - BQ26220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
[Old version datasheet]   HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Texas Instruments
BQ26200 TI-BQ26200 Datasheet
253Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
   High-Precision Coulomb Counter
051805
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
   High-Precision Coulomb Counter
logo
Linear Technology
LTC2942 LINER-LTC2942 Datasheet
180Kb / 16P
   Battery Gas Gauge with Temperature, Voltage Measurement
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com