Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24702 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24702
Description  MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24702 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24702 Datasheet HTML 1Page - Texas Instruments BQ24702 Datasheet HTML 2Page - Texas Instruments BQ24702 Datasheet HTML 3Page - Texas Instruments BQ24702 Datasheet HTML 4Page - Texas Instruments BQ24702 Datasheet HTML 5Page - Texas Instruments BQ24702 Datasheet HTML 6Page - Texas Instruments BQ24702 Datasheet HTML 7Page - Texas Instruments BQ24702 Datasheet HTML 8Page - Texas Instruments BQ24702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
bq24702, bq24703
SLUS553D − MAY 2003 − REVISED JULY 2005
5
www.ti.com
ELECTRICAL CHARACTERISTICS
(−40
°C ≤ TJ ≤ 125°C, 7.0 VDC ≤ VCC ≤ 28 VDC, all voltages relative to Vss) (unless otherwise specified)
Quiescent Current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD(OP)
Total chip operating current
ACPRES = High, EN = 0
1
1.6
6
mA
IDD(SLEEP) Total battery sleep current, ac not present
ACPRES = Low
22
28
µA
logic interface dc characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage (ACPRES, ALARM)
IOL = 1 mA
0.4
V
VIL
Low-level input voltage (ACSEL, ENABLE)
0.6
V
VIH
High-level input voltage (ACSEL, ENABLE)
1.8
V
I(SINK1)
Sink current (ACPRES)
VOL = 0.4
1.5
2
2.5
mA
I(SINK2)
Sink current (ALARM)
VOL = 0.4
1.5
2
2.5
mA
PWM Oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC(PWM) Oscillator frequency
0
°C ≤ TJ ≤ 85°C
260
300
340
kHz
fOSC(PWM) Oscillator frequency
−40
°C ≤ TJ ≤ 125°C
240
300
350
kHz
Maximum duty cycle
100%
Input voltage for maximum dc (COMP)
3.8
V
Minimum duty cycle
0%
Input voltage for minimum dc (COMP)
0.8
V(RAMP)
Oscillator ramp voltage (peak-to-peak)
1.85
2.15
2.30
V
VIK(COMP)
Internal input clamp voltage
(tracks COMP voltage for maximum dc)
3.8
4.5
V
IS(COMP)
Internal source current (COMP)
Error amplifier = OFF, V(COMP) = 1 V
70
110
140
µA
Leakage Current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IL(ACDET)
Leakage current, ACDET
V(ACDET) = 5 V
0.2
µA
IL(SRSET)
Leakage current, SRSET
V(SRSET) = 2.5 V
0.2
µA
IL(ACSET)
Leakage current, ACSET
V(ACSET) = 2.5 V
0.2
µA
IL(BATDEP)
Leakage current, BATDEP
V(BATDEP) = 5 V
0.2
µA
IL(VS)
Leakage current, VS
V(VS) = 5 V
0.2
µA
IL(ALARM)
Leakage current, ALARM
V(ALARM) = 5 V
0.2
µA
IL(ACSEL)
Leakage current, ACSEL
V(ACSEL) = 5 V
0.2
µA
IL(ENABLE)
Leakage current, ENABLE
V(ENABLE) = 5 V
0.2
µA
IL(ACPRES)
Leakage current, ACPRES
V(ACPRES) = 5 V
0.2
µA
IL(BATP)
Leakage current, BATP
V(BATP) = 5 V
0.2
µA
IL(BATSET)
Leakage current, BATSET
V(BATSET) = 2.5 V
0.2
µA


Similar Part No. - BQ24702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24702 TI1-BQ24702 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PW TI1-BQ24702PW Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWG4 TI1-BQ24702PWG4 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWR TI1-BQ24702PWR Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
BQ24702PWRG4 TI1-BQ24702PWRG4 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results

Similar Description - BQ24702

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909 Datasheet
439Kb / 30P
   Multichemistry Battery Charger with Automatic System Power Selector
Rev 2; 9/04
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com