Electronic Components Datasheet Search |
|
DEMO-HSMS285-0 Datasheet(PDF) 1 Page - Broadcom Corporation. |
|
DEMO-HSMS285-0 Datasheet(HTML) 1 Page - Broadcom Corporation. |
1 / 13 page HSMS-285x Series Surface Mount Zero Bias Schottky Detector Diodes Data Sheet SOT-23/SOT-143 Package Lead Code Identification (top view) Description Avago’s HSMS-285x family of zero bias Schottky detector diodes has been designed and optimized for use in small signal (Pin <-20 dBm) applications at frequencies below 1.5 GHz. They are ideal for RF/ID and RF Tag applications where primary (DC bias) power is not available. Important Note: For detector applications with input power levels greater than –20 dBm, use the HSMS-282x series at frequencies below 4.0 GHz, and the HSMS-286x series at frequencies above 4.0 GHz. The HSMS-285x series IS NOT RECOMMENDED for these higher power level applications. Available in various package configurations, these detec- tor diodes provide low cost solutions to a wide variety of design problems. Avago’s manufacturing techniques assure that when two diodes are mounted into a single package, they are taken from adjacent sites on the wafer, assuring the highest possible degree of match. Pin Connections and Package Marking SOT-323 Package Lead Code Identification (top view) Features • Surface Mount SOT-23/SOT-143 Packages • Miniature SOT-323 and SOT-363 Packages • High Detection Sensitivity: up to 50 mV/µW at 915 MHz • Low Flicker Noise: -162 dBV/Hz at 100 Hz • Low FIT (Failure in Time) Rate* • Tape and Reel Options Available • Matched Diodes for Consistent Performance • Better Thermal Conductivity for Higher Power Dissipation • Lead-free * For more information see the Surface Mount Schottky Reliability Data Sheet. SOT-363 Package Lead Code Identification (top view) SERIES C SINGLE B 1 2 3 1 2 3 BRIDGE QUAD P UNCONNECTED TRIO L 1 2 3 6 5 4 1 2 3 6 5 4 Attention: Observe precautions for handling electrostatic sensitive devices. ESD Machine Model (Class A) ESD Human Body Model (Class 0) Refer to Avago Application Note A004R: Electrostatic Discharge Damage and Control. Notes: 1. Package marking provides orientation and identification. 2. See “Electrical Specifications”for appropriate package marking. 1 2 3 6 5 4 UNCONNECTED PAIR #5 SERIES #2 SINGLE #0 1 2 3 1 2 3 4 1 2 3 |
Similar Part No. - DEMO-HSMS285-0 |
|
Similar Description - DEMO-HSMS285-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |