Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-HMPP-389T Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # DEMO-HMPP-389T
Description  MiniPak Surface Mount RF PIN Switch Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-HMPP-389T Datasheet(HTML) 4 Page - Broadcom Corporation.

  DEMO-HMPP-389T Datasheet HTML 1Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 2Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 3Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 4Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 5Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 6Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 7Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 8Page - Broadcom Corporation. DEMO-HMPP-389T Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF COMMON
RF 2
RF 1
BIAS
2
3
4
1
2
3
4
1
3
4
1
2
Figure 8. Very High Isolation SPDT Switch, Dual Bias.
Typical Applications
RF COMMON
RF 1
1
2
3
4
BIAS 1
RF 2
BIAS 2
RF COMMON
RF 2
BIAS
RF 1
2
3
4
1
2
3
4
1
Figure 6. Simple SPDT Switch Using Only Positive Bias.
Figure 7. High Isolation SPDT Switch Using Dual Bias.
Bulk Attenuator Diode
Epi Switching Diode
P+ Diffusion
Bulk
I-Layer
N+ Diffusion
Metal Contact
Contact Over
P+ Diffusion
N+ Substrate
Epi
I-Layer
Figure 9. PIN Diode Construction.
Applications Information
PIN Diodes
In RF and microwave networks, mechanical switches and
attenuators are bulky, often unreliable, and difficult to
manufacture. Switch ICs, while convenient to use and
low in cost in small quantities, suffer from poor distortion
performance and are not as cost effective as PIN diode
switches and attenuators in very large quantities. For over
30 years, designers have looked to the PIN diode for high
performance/low cost solutions to their switching and
level control needs.
In the RF and microwave ranges, the switch serves the
simple purpose which is implied by its name; it operates
between one of two modes, ON or OFF. In the ON state,
the switch is designed to have the least possible loss. In
the OFF state, the switch must exhibit a very high loss
(isolation) to the input signal, typically from 20 to 60 dB.
The attenuator, however, serves a more complex func-
tion. It provides for the“soft”or controlled variation in the
power level of a RF or microwave signal. At the same time
as it attenuates the input signal to some predetermined
value, it must also present a matched input impedance
(lowVSWR) to the source. Every microwave network which
uses PIN diodes (phase shifter, modulator, etc.) is a varia-
tion on one of these two basic circuits.
One can see that the switch and the attenuator are quite
different in their function, and will therefore often require
different characteristics in their PIN diodes. These proper-
ties are easily controlled through the way in which a PIN
diode is fabricated. See Figure 14.


Similar Part No. - DEMO-HMPP-389T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HMPP-38X0 BOARDCOM-DEMO-HMPP-38X0 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
More results

Similar Description - DEMO-HMPP-389T

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMPP-389X HP-HMPP-389X Datasheet
159Kb / 11P
   MiniPak Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
DEMO-HMPP-38X0 BOARDCOM-DEMO-HMPP-38X0 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3890 BOARDCOM-HMPP-3890 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3895 BOARDCOM-HMPP-3895 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389X BOARDCOM-HMPP-389X Datasheet
1Mb / 14P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389T BOARDCOM-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3860 BOARDCOM-HMPP-3860 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-3862 BOARDCOM-HMPP-3862 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-386X BOARDCOM-HMPP-386X Datasheet
5Mb / 11P
   MiniPak Surface Mount RF PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com