Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEMO-ATF3616-3 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part No. DEMO-ATF3616-3
Description  1.5–18 GHz Surface Mount Pseudomorphic HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-ATF3616-3 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button DEMO-ATF3616-3 Datasheet HTML 2Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 3Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 4Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 5Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 6Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 7Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 8Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 9Page - Broadcom Corporation. DEMO-ATF3616-3 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Package Dimensions
SC-70 6L/SOT-363
E
HE
D
e
A1
b
A
A2
Q1
L
c
DIMENSIONS (mm)
MIN.
1.15
1.80
1.80
0.80
0.80
0.00
0.10
0.15
0.10
0.10
MAX.
1.35
2.25
2.40
1.10
1.00
0.10
0.40
0.30
0.20
0.30
SYMBOL
E
D
HE
A
A2
A1
Q1
e
b
c
L
NOTES:
1. All dimensions are in mm.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to EIAJ SC70.
5. Die is facing up for mold and facing down for trim/form,
ie: reverse trim/form.
6. Package surface to be mirror finish.
0.650 BCS
Part Number Ordering Information
No. of
Part Number
Devices
Container
ATF-36163-TR1G
3000
7” Reel
ATF-36163-TR2G
10000
13” Reel
ATF-36163-BLKG
100
antistatic bag


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn