Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-ATF-5X1M4E Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # DEMO-ATF-5X1M4E
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-ATF-5X1M4E Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button DEMO-ATF-5X1M4E Datasheet HTML 4Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 5Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 6Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 7Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 8Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 9Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 10Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 11Page - Broadcom Corporation. DEMO-ATF-5X1M4E Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image

ATF-541M4 Typical Scattering Parameters, V
DS = 3V, IDS = 80 mA
Freq.
S
11
S
21
S
12
S
22
MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.97
‑17.9
28.61
26.94
168.8
0.01
79.8
0.50
‑11.6
34.30
0.5
0.85
‑76.2
26.21
20.44
133.6
0.03
54.7
0.39
‑49.1
28.33
0.9
0.77
‑112.1
23.27
14.57
113.2
0.04
43.1
0.28
‑71.5
25.61
1.0
0.75
‑119.2
22.55
13.42
109.1
0.04
41.5
0.26
‑76.4
25.26
1.5
0.71
‑142.2
19.65
9.60
95.0
0.04
36.3
0.19
‑94.6
23.80
1.9
0.70
‑154.9
17.83
7.79
86.9
0.05
34.8
0.16
‑105.8
21.93
2.0
0.69
‑159.5
17.30
7.33
85.8
0.05
35.8
0.13
‑112.9
21.66
2.5
0.69
‑171.1
15.53
5.98
78.0
0.05
36.0
0.11
‑127.2
20.78
3.0
0.69
179.5
14.00
5.01
71.0
0.06
35.8
0.10
‑144.2
19.22
4.0
0.69
165.2
11.62
3.81
58.5
0.06
35.0
0.10
‑170.0
14.97
5.0
0.70
153.3
9.75
3.07
47.2
0.07
33.7
0.10
168.7
13.05
6.0
0.70
138.3
8.33
2.61
35.3
0.09
29.6
0.11
156.1
11.67
7.0
0.72
127.8
6.97
2.23
25.0
0.10
26.6
0.12
143.5
10.52
8.0
0.73
118.0
5.84
1.96
14.8
0.11
22.3
0.14
133.6
9.47
9.0
0.74
109.1
4.82
1.74
5.2
0.12
17.8
0.17
125.1
8.52
10.0
0.76
99.3
3.89
1.56
‑4.9
0.13
12.1
0.19
115.7
7.88
11.0
0.76
89.7
3.11
1.43
‑15.1
0.14
6.1
0.23
105.6
7.03
12.0
0.79
80.9
2.29
1.30
‑25.2
0.15
‑0.4
0.27
95.7
6.75
13.0
0.80
71.9
1.56
1.20
‑35.3
0.16
‑7.8
0.32
86.7
6.21
14.0
0.83
61.8
0.73
1.09
‑46.6
0.17
‑15.0
0.37
78.3
6.12
15.0
0.85
52.1
‑0.18
0.98
‑56.2
0.17
‑23.3
0.44
70.0
5.66
16.0
0.86
41.6
‑1.22
0.87
‑67.1
0.17
‑31.0
0.49
63.1
4.89
17.0
0.89
32.9
‑2.18
0.78
‑75.9
0.17
‑39.1
0.57
57.7
5.21
18.0
0.89
24.3
‑3.36
0.68
‑83.6
0.17
‑45.5
0.62
53.6
4.07
Freq
F
min
Γ
opt
Γ
opt
R
n/50
G
a
GHz
dB
Mag.
Ang.
dB
0.5
0.21
0.23
24.4
0.05
27.83
0.9
0.25
0.20
17.8
0.06
23.58
1.0
0.28
0.11
60.8
0.04
23.43
1.9
0.53
0.21
121.1
0.05
19.57
2.0
0.56
0.20
124.5
0.05
19.13
2.4
0.64
0.26
142.6
0.05
18.05
3.0
0.72
0.32
159.7
0.05
16.60
3.9
0.81
0.38
179.2
0.05
14.81
5.0
1.03
0.41
‑153.7
0.05
13.21
5.8
1.33
0.42
‑152.5
0.07
12.20
6.0
1.40
0.46
‑143.4
0.10
11.35
7.0
1.59
0.47
‑139.1
0.13
10.24
8.0
1.79
0.53
‑127.3
0.19
9.84
9.0
2.01
0.59
‑113.4
0.31
9.00
10.0
2.20
0.63
‑97.9
0.5
8.46
Notes:
1. The F­min values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. F­rom
these measurements a true F­min is calculated. Refer to the noise parameter application section for more information.
2. Refer to the applications section for additional information on the test fixture used for the measurement of the s and noise parameters.
Typical Noise Parameters, V
DS = 3 V, IDS = 80 mA
Figure 18. MSG/MAG and |S21|2 vs.
Frequency at 3V, 80 mA.
MSG
MAG
FREQUENCY (GHz)
0
20
10
5
15
40
35
30
25
20
15
10
5
0
-5
-10
|S21|
2


Similar Part No. - DEMO-ATF-5X1M4E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X143 BOARDCOM-DEMO-ATF-5X143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
   Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
More results

Similar Description - DEMO-ATF-5X1M4E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com