Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3L2815D Datasheet(PDF) 1 Page - International Rectifier

Part # M3L2815D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3L2815D Datasheet(HTML) 1 Page - International Rectifier

  M3L2815D Datasheet HTML 1Page - International Rectifier M3L2815D Datasheet HTML 2Page - International Rectifier M3L2815D Datasheet HTML 3Page - International Rectifier M3L2815D Datasheet HTML 4Page - International Rectifier M3L2815D Datasheet HTML 5Page - International Rectifier M3L2815D Datasheet HTML 6Page - International Rectifier M3L2815D Datasheet HTML 7Page - International Rectifier M3L2815D Datasheet HTML 8Page - International Rectifier M3L2815D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
 Total Dose > 25 kRads(Si)
 SEE Hardened to LET up to 37 MeV.cm2/mg
 Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03 and CS01
 Low Weight < 85 grams
 Magnetically Coupled Feedback
 16V to 50V Input Range
 Up to 25W Output Power
 Single and Dual Output Models Include
3.3, 5, 12, 15, ±5, ±12, ±15V
 High Efficiency - to 82%
 -55°C to +125°C Operating Temperature Range
 100M @ 500VDC Isolation
 Under-Voltage Lockout
 Short Circuit and Overload Protection
 Adjustable Output Voltage
 External Inhibit
 1,500,000 Hour MTBF
 
HYBRID-HIGH RELIABILITY
RADIATION TOLERANT
DC-DC CONVERTER
M3H
M3L-SERIES
Description
The M3L-Series of DC-DC converters are radiation tolerant,
high reliability devices designed for moderate radiation
environments such as those encountered by low earth orbit
satellites and launch vehicles. For higher radiation environments,
the M3G-Series of DC-DC converters is recommended.
Features include small size, low weight and a high tolerance to
total ionizing dose, single event effects and environmental
stresses such as temperature extremes, mechanical shock,
and vibration. All components are fully de-rated to meet the
requirements of MIL-STD-975 and MIL-STD-1547 and
GSFC PPL-21 Appendix B. Extensive documentation including
Radiation Susceptibility, Thermal Analysis, Stress Analysis
and MTBF are available.
The converters incorporate a fixed frequency single forward
topology with magnetic feedback and an internal EMI filter.
These converters are capable of meeting the conducted
emissions and conducted susceptibility requirements of MIL
-STD-461C without any additional components. All models
include an external inhibit port and have an adjustable output
voltage. They are enclosed in a hermetic 1.5" x 2.3" x 0.425" steel
package and weigh less than 85 grams. The package utilizes
rugged ceramic feed-through copper core pins and is
sealed using parallel seam welding.
Manufactured in a facility fully qualified to MIL-PRF-38534,
these converters are fabricated utilizing DLA Land and
Maritime qualified processes. For available screening
options, refer to device screening table in the data sheet.
Non-flight versions of the M3L-Series converters are
available for system development purposes. Variations in
electrical specifications and screening to meet custom
requirements can be accommodated. Consult IR HiRel
San Jose for special requirements.
1
2016-09-21
PD-94519C
+
28V Input, Single/Dual Output
Applications
 Low Earth Orbit Satellites (LEO)
 Launch Vehicles


Similar Part No. - M3L2815D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3L2815D IRF-M3L2815D Datasheet
88Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
M3L2815D IRF-M3L2815D Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3L2815D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com