Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3H2805S Datasheet(PDF) 1 Page - International Rectifier

Part # M3H2805S
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2805S Datasheet(HTML) 1 Page - International Rectifier

  M3H2805S Datasheet HTML 1Page - International Rectifier M3H2805S Datasheet HTML 2Page - International Rectifier M3H2805S Datasheet HTML 3Page - International Rectifier M3H2805S Datasheet HTML 4Page - International Rectifier M3H2805S Datasheet HTML 5Page - International Rectifier M3H2805S Datasheet HTML 6Page - International Rectifier M3H2805S Datasheet HTML 7Page - International Rectifier M3H2805S Datasheet HTML 8Page - International Rectifier M3H2805S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
 Total Dose > 25 kRads(Si)
 SEE Hardened to LET up to 37 MeV.cm2/mg
 Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03 and CS01
 Low Weight < 125 grams
 Magnetically Coupled Feedback
 18V to 50V Input Range
(50V, 70V, and 120V Models Available)
 Up to 40W Output Power
 Single and Dual Output Models Include
3.3, 5, 5.2, 12, 15, ±5, ±12, ±15V
 High Efficiency - to 82%
 -55°C to +125°C Operating Temperature Range
 100M @ 500VDC Isolation
 Under-Voltage Lockout
 Short Circuit and Overload Protection
 Adjustable Output Voltage
 External Inhibit
 1,500,000 Hour MTBF
 
HYBRID-HIGH RELIABILITY
RADIATION HARDENED
DC-DC CONVERTER
M3H
M3H-SERIES
Description
The M3H-Series of DC-DC converters are radiation tolerant, high
reliability devices designed for moderate radiation environments
such as those encountered by low earth orbit satellites and
launch vehicles. For higher radiation environments, the
M3G-Series of DC-DC converters is recommended. System
upgrades to higher radiation tolerance applications can be
easily accommodated with the M3G-Series converters
because they have the same mechanical outline and are
pin compatible. For physically smaller, lower output power
single and dual output applications the M3L-Series of DC-DC
converters are recommended. Features of the M3H-Series
include up to 40 watt output power, small size, low weight
and a high tolerance to total ionizing dose, single event
effects and environmental stresses such as temperature
extremes, mechanical shock, and vibration. All components
are fully de-rated to meet the requirements of MIL-STD-975
and MIL-STD-1547. Extensive documentation including
Radiation Susceptibility, Thermal Analysis, Stress Analysis
and MTBF are available.
The converters incorporate a fixed frequency single forward
topology with magnetic feedback and an internal EMI filter.
These converters are capable of meeting the conducted
emissions and conducted susceptibility requirements of MIL
-STD-461C without any additional components. All models
include an external inhibit port and have an adjustable output
voltage. They are enclosed in a hermetic 3.0" x 2.5" x 0.445"
steel package and weigh less than 125 grams. The package
utilizes rugged ceramic feed-through copper core pins and is
sealed using parallel seam welding.
Manufactured in a facility fully qualified to MIL-PRF-38534,
these converters are fabricated utilizing DLA Land and Maritime
qualified processes. For available screening options, refer
to device screening table in the data sheet.
Non-flight versions of the M3H-Series converters are
available for system development purposes. Variations in
electrical specifications and screening to meet custom
requirements can be accommodated. Consult IR HiRel
San Jose for special requirements.
1
2016-05-19
PD-94437E
+
28V Input, Single/Dual Output
Applications
 Low Earth Orbit Satellites (LEO)
 Launch Vehicles


Similar Part No. - M3H2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2805S IRF-M3H2805S Datasheet
157Kb / 11P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3H2805S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com