Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G500512T Datasheet(PDF) 6 Page - International Rectifier

Part # M3G500512T
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G500512T Datasheet(HTML) 6 Page - International Rectifier

Back Button M3G500512T Datasheet HTML 2Page - International Rectifier M3G500512T Datasheet HTML 3Page - International Rectifier M3G500512T Datasheet HTML 4Page - International Rectifier M3G500512T Datasheet HTML 5Page - International Rectifier M3G500512T Datasheet HTML 6Page - International Rectifier M3G500512T Datasheet HTML 7Page - International Rectifier M3G500512T Datasheet HTML 8Page - International Rectifier M3G500512T Datasheet HTML 9Page - International Rectifier M3G500512T Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M3G-SERIES
(50V Input, Triple Output)
6
2016-06-30
Fig 1. Block Diagram - Triple Output
12
11
+A U X .
OUTP UT
AUX .
RETU RN
4
SYN C .
IN P UT
10
CAS E
GROU ND
5
S YNC.
OUTP UT
+
-
S HORTCIRCUIT
&
OV ER LOA D
+
-
OSC ILLA TOR
RAMP
GEN E RA TOR
SAMPLE
&
HOLD
FE E D BA C K
TR IGGER
PWM
EA
+5V
+5V
13
-A U X.
OUTP UT
6
+MA IN
MAIN
RETU RN
7
1
3
2
Vin
IN H IB IT
RETURN
LEVEL
TR A N SLATOR
& FET DR IVE
BIA S
SUPP LY
UNDE R VOLTA GE
LOC K OU T
& IN H IBIT
EMI
FILTER
+10.5V
+5V
REF
Fig 2. ±12V Load Regulation vs 5V Load
10
10.5
11
11.5
12
12.5
13
13.5
14
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
±12V Load Current ( Amps each )
5V load = 4A
5V load = 2A
5V load = 0.4A


Similar Part No. - M3G500512T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results

Similar Description - M3G500512T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com