Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-P36-22-3S Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-P36-22-3S
Description  Dimensions for product: P36/22
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-P36-22-3S Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-P36-22-3S Datasheet HTML 1Page - Ferroxcube International Holding B.V. CP-P36-22-3S Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P36/22
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3C91
nH/turns²
25%
25%
10800
3C95
nH/turns²
25%
25%
10800
3F36
nH/turns²
25%
25%
5200
3F46
nH/turns²
25%
25%
3200
Power loss: 3C91
Measuring conditions
Unit
Max
100 kHz
W/set
5.300
200 mT
60 ºC
Power loss: 3C95
Measuring conditions
Unit
Max
100 kHz
W/set
5.100
200 mT
100 ºC
100 kHz
W/set
5.600
200 mT
25 ºC
Symbol
Effective parameters
Parameter
Value
Unit
0.264
mm⁻¹
Ve
10700
mm³
Le
53.2
mm
Ae
202
mm²
Amin
172
mm²
∑(I/A)
≈ 54
core factor (C1)
effective volume
effective length
effective area
minimum area
m
P36/22
g/set
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: P36/22
25.60
mm
A
0.60
0.60
26.80
26.20
4.30
mm
B
0.60
0.60
5.50
4.90
35.00
mm
D1
0.00
1.20
36.20
36.20
29.90
mm
D2
1.00
0.00
30.90
29.90
15.60
mm
D3
0.00
0.60
16.20
16.20
5.40
mm
D4
0.20
0.00
5.60
5.40
21.40
mm
H1
0.30
0.30
22.00
21.70
14.60
mm
H2
0.40
0.00
15.00
14.60
2016


Similar Part No. - CP-P36-22-3S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P36-22-1S FERROXCUBE-CP-P36-22-1S Datasheet
80Kb / 2P
   Dimensions for product: P36/22
CP-P36-22-1S-A FERROXCUBE-CP-P36-22-1S-A Datasheet
80Kb / 2P
   Dimensions for product: P36/22
CP-P36-22-2S FERROXCUBE-CP-P36-22-2S Datasheet
80Kb / 2P
   Product specifications
More results

Similar Description - CP-P36-22-3S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P36-22-1S-A FERROXCUBE-CP-P36-22-1S-A Datasheet
80Kb / 2P
   Dimensions for product: P36/22
CP-P36-22-1S FERROXCUBE-CP-P36-22-1S Datasheet
80Kb / 2P
   Dimensions for product: P36/22
SPR-P36 FERROXCUBE-SPR-P36 Datasheet
31Kb / 1P
   SPR-P36/22
CLI-ETD59 FERROXCUBE-CLI-ETD59_17 Datasheet
75Kb / 2P
   Dimensions for product: ETD59/31/22
CLI-ETD44 FERROXCUBE-CLI-ETD44_17 Datasheet
75Kb / 2P
   Dimensions for product: ETD44/22/15
CPP-P36-3S FERROXCUBE-CPP-P36-3S Datasheet
40Kb / 1P
   CPP-P36/22-3S
CPP-P36-1S FERROXCUBE-CPP-P36-1S Datasheet
38Kb / 1P
   CPP-P36/22-1S
CPP-P36-2S FERROXCUBE-CPP-P36-2S Datasheet
39Kb / 1P
   CPP-P36/22-2S
TGP-P36-C FERROXCUBE-TGP-P36-C Datasheet
52Kb / 1P
   TGP-P36/22-C
CPP-P36-1S-A FERROXCUBE-CPP-P36-1S-A Datasheet
27Kb / 1P
   CPP-P36/22-1S-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com