Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1580-4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1580-4
Description  Single Ended Active Clamp/Reset PWM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1580-4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1580-4 Datasheet HTML 1Page - Texas Instruments UCC1580-4 Datasheet HTML 2Page - Texas Instruments UCC1580-4 Datasheet HTML 3Page - Texas Instruments UCC1580-4 Datasheet HTML 4Page - Texas Instruments UCC1580-4 Datasheet HTML 5Page - Texas Instruments UCC1580-4 Datasheet HTML 6Page - Texas Instruments UCC1580-4 Datasheet HTML 7Page - Texas Instruments UCC1580-4 Datasheet HTML 8Page - Texas Instruments UCC1580-4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UCC1580-1,-2,-3,-4
UCC2580-1,-2,-3,-4
UCC3580-1,-2,-3,-4
SLUS292D - FEBRUARY 1999 - REVISED FEBRUARY 2007
FEATURES
Provides Auxiliary Switch Activation
Complementary to Main Power
Switch Drive
Programmable deadtime (Turn-on
Delay) Between Activation of Each
Switch
Voltage Mode Control with
Feedforward Operation
Programmable Limits for Both
Transformer Volt- Second Product
and PWM Duty Cycle
High Current Gate Driver for Both
Main and Auxiliary Outputs
Multiple Protection Features with
Latched Shutdown and Soft Restart
Low Supply Current (100
mA Startup,
1.5 mA Operation)
BLOCK DIAGRAM
DESCRIPTION
The UCC3580 family of PWM controllers is designed to implement a variety
of active clamp/reset and synchronous rectifier switching converter topolo-
gies. While containing all the necessary functions for fixed frequency, high
performance pulse width modulation, the additional feature of this design is
the inclusion of an auxiliary switch driver which complements the main
power switch, and with a programmable deadtime or delay between each
transition. The active clamp/reset technique allows operation of single
ended converters beyond 50% duty cycle while reducing voltage stresses
on the switches, and allows a greater flux swing for the power transformer.
This approach also allows a reduction in switching losses by recovering en-
ergy stored in parasitic elements such as leakage inductance and switch
capacitance.
The oscillator is programmed with two resistors and a capacitor to set
switching frequency and maximum duty cycle.
A separate synchronized
ramp provides a voltage feedforward pulse width modulation and a pro-
grammed maximum volt-second limit. The generated clock from the oscilla-
tor contains both frequency and maximum duty cycle information.
(continued)
Single Ended Active Clamp/Reset PWM
UDG-95069-2
Pin Numbers refer to DIL-16 and SOIC-16 packages


Similar Part No. - UCC1580-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-4 TI-UCC1580-4 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-4 TI1-UCC1580-4 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC1580-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1562A ONSEMI-NCP1562A Datasheet
483Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
NCP1282 ONSEMI-NCP1282 Datasheet
281Kb / 23P
   High Performance Active Clamp/Reset PWM Controller Featuring 500 V Startup
December, 2006 ??Rev. 0
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
   Active Clamp Forward PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
   Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
   Active Clamp Forward PWM Controller
January 31, 2011
logo
International Rectifier
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com