Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7808CKTTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UA7808CKTTR
Description  Fixed Positive Voltage Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA7808CKTTR Datasheet(HTML) 1 Page - Texas Instruments

  UA7808CKTTR Datasheet HTML 1Page - Texas Instruments UA7808CKTTR Datasheet HTML 2Page - Texas Instruments UA7808CKTTR Datasheet HTML 3Page - Texas Instruments UA7808CKTTR Datasheet HTML 4Page - Texas Instruments UA7808CKTTR Datasheet HTML 5Page - Texas Instruments UA7808CKTTR Datasheet HTML 6Page - Texas Instruments UA7808CKTTR Datasheet HTML 7Page - Texas Instruments UA7808CKTTR Datasheet HTML 8Page - Texas Instruments UA7808CKTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
+V
+V
O
0.1 µF
0.33 µF
µA78xx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
uA7805, uA7808, uA7810
uA7812, uA7815, uA7824
SLVS056P – MAY 1976 – REVISED JANUARY 2015
µA78xx Fixed Positive Voltage Regulators
1 Features
3 Description
This series of fixed-voltage integrated-circuit voltage
1
3-Terminal Regulators
regulators
is
designed
for
a
wide
range
of
Available in fixed 5-V/8-V/10-V/12-V/15-V/24-V
applications.
These
applications
include
on-card
options
regulation for elimination of noise and distribution
Output Current up to 1.5 A
problems associated with single-point regulation.
Each of these regulators can deliver up to 1.5 A of
Internal Thermal-Overload Protection
output current. The internal current-limiting and
High Power-Dissipation Capability
thermal-shutdown
features
of
these
regulators
Internal Short-Circuit Current Limiting
essentially make them immune to overload. In
addition to use as fixed-voltage regulators, these
Output Transistor Safe-Area Compensation
devices can be used with external components to
Output Capacitor Not Needed for Stability
obtain adjustable output voltages and currents, and
also can be used as the power-pass element in
2 Applications
precision regulators.
On-card Regulation
Device Information(1)
Portable Devices
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Computing & Servers
TO-220 (3)
10.16 mm x 8.82 mm
Telecommunications
μA78xx
TO-220 (3)
10.16 mm x 8.82 mm
TO-263 (3)
10.06 mm x 9.02 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UA7808CKTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7808CKTTR TI1-UA7808CKTTR Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI1-UA7808CKTTR Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI-UA7808CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI1-UA7808CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808CKTTR TI1-UA7808CKTTR Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Similar Description - UA7808CKTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com