Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZCRMZNICE01ZEMG Datasheet(PDF) 57 Page - Zilog, Inc.

Part # ZCRMZNICE01ZEMG
Description  Low power consumption??1 mW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZCRMZNICE01ZEMG Datasheet(HTML) 57 Page - Zilog, Inc.

Back Button ZCRMZNICE01ZEMG Datasheet HTML 53Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 54Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 55Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 56Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 57Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 58Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 59Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 60Page - Zilog, Inc. ZCRMZNICE01ZEMG Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
53
Any Port 2 bit defined as an output drives the corresponding input to the default state. For
example, if the NOR of P23-P20 is selected as the recovery source and P20 is configured
as an output, the remaining SMR pins (P23-P21) form the NOR equation. This condition
allows the remaining inputs to control the AND/OR function, refer to SMR2 register on
page 54 for other recover sources.
Stop Mode Recovery Delay Select (D5)
This bit, if low, disables the TPOR delay after Stop Mode Recovery. The default configura-
tion of this bit is 1. If the ‘fast’ wake up is selected, the Stop Mode Recovery source must
be kept active for at least 10 TpC.
This bit must be set to 1 if a crystal or resonator clock source is used. The TPOR delay
allows the clock source to stabilize before executing instructions.
Stop Mode Recovery Edge Select (D6)
A 1 in this bit position indicates that a High level on any one of the recovery sources
wakes the Crimzon ZLP32300 from STOP mode. A 0 indicates Low level recovery. The
default is 0 on POR.
Cold or Warm Start (D7)
This bit is read only. It is set to 1 when the device is recovered from STOP mode. The bit
is set to 0 when the device reset is other than Stop Mode Recovery.
Table 14. Stop Mode Recovery Source
SMR:432
Operation
D4
D3
D2
Description of Action
0
0
0
POR and/or external reset recovery
00
1Reserved
01
0P31 transition
01
1P32 transition
10
0P33 transition
10
1P27 transition
1
1
0
Logical NOR of P20 through P23
1
1
1
Logical NOR of P20 through P27
Note:
Note:


Similar Part No. - ZCRMZNICE01ZEMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZNICE01ZEMG MAXIM-ZCRMZNICE01ZEMG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZNICE01ZEMG MAXIM-ZCRMZNICE01ZEMG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZNICE01ZEMG MAXIM-ZCRMZNICE01ZEMG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZCRMZNICE01ZEMG MAXIM-ZCRMZNICE01ZEMG Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
More results

Similar Description - ZCRMZNICE01ZEMG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2794B ATMEL-U2794B_97 Datasheet
302Kb / 15P
   Very Low Power Consumption 125 mW
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com