Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPS2800B12C4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # FPS2800B12C4
Description  Highly reliable and long term stability
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FPS2800B12C4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  FPS2800B12C4 Datasheet HTML 1Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 2Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 3Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 4Page - TE Connectivity Ltd FPS2800B12C4 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FPS2800B12C4
Fluid Property Sensor
SENSOR SOLUTIONS /// FPS2800B12C4 FPC012 Rev M
9/2015
Page 2
PERFORMANCE SPECIFICATIONS
MAXIMUM RATINGS
Ratings
Symbol
Value
Unit
Supply Voltage (Peak)
Vcc
60
Vdc
Ambient Operating Temperature (electronics)*
Te
-40 to +125
°C
Ambient Operating Temperature (fluid)*
Tf
-40 to +150
°C
Storage Temperature**
Tstg
-50 to +150
°C
Input Current @12Vdc (In rush)
Imax
< 200
mA
Operating Pressure
P
25 (Note 1)
Bars
Vibration (Peak)
20
Grms
Peak conditions: less than 10% of the operating time.
NOTE: 1 Elevated pressure ratings are available, contact MEAS France for specs.
* Ambient Operating Temperature: Service temperature range at which the sensor and its electronics can operate securely.
** Storage Temperature: Temperature range at which the sensor can be stored with no risk of damage.
METROLOGICAL CHARACTERISTICS
(@Vcc=12Vdc, T=100°C, unless otherwise noted)
Multi-Parametric Measurement Ranges
Symbol
Min
Typ
Max
Unit
Viscosity (dynamic)
0.5
15
50
mPa-s (cP)
Viscosity (dynamic) Accuracy for viscosity > 10 mPa-s (cP)
-5
+/-2
+5
% Value
Viscosity (dynamic) Accuracy for viscosity < 10 mPa-s (cP)
+/- 0.2
mPa-s (cP)
Density
ρ
0.65
0.85
1.50
gm/cc
Density Accuracy
-3
+/-1
+3
% Value
Dielectric Constant
ε
1.0
2.0
6.0
-
Dielectric Constant Accuracy
-3
+/- 1
+3
% Value
Fluid Temperature
T
-40
150
°C
Temperature Accuracy
T
0.1
°C
ELECTRICAL CHARACTERISTICS
(@Vcc=12Vdc, T=100°C, unless otherwise noted)
Electrical Characteristics
Symbol
Min
Typ
Max
Unit
Supply Voltage
Vcc
9
12
36
Vdc
Supply Current (steady state)
Iavg
70
100
mA
BLOCK DIAGRAM


Similar Part No. - FPS2800B12C4

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPS2-T220 WILLOW-FPS2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Riedon Powertron
FPS2-T220 RIEDON-FPS2-T220 Datasheet
484Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
FPS2-T220 RIEDON-FPS2-T220 Datasheet
622Kb / 5P
   Precision Power Shunt Resistors
logo
Willow Technologies Ltd
FPS2-T2201R0 WILLOW-FPS2-T2201R0 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
More results

Similar Description - FPS2800B12C4

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Analog Devices
ADXL354 AD-ADXL354 Datasheet
1Mb / 42P
   Hermetic package offers excellent long-term stability
logo
Burr-Brown (TI)
REF05 BURR-BROWN-REF05 Datasheet
54Kb / 6P
   5V Precision VOLTAGE REFERENCE (Guaranteed Long-Term Stability)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com