Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1211A1ZRQR Datasheet(PDF) 35 Page - Texas Instruments

Part # TUSB1211A1ZRQR
Description  Stand-Alone USB Transceiver Chip
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211A1ZRQR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB1211A1ZRQR Datasheet HTML 31Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 32Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 33Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 34Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 35Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 36Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 37Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 38Page - Texas Instruments TUSB1211A1ZRQR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
TUSB1211
www.ti.com
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
5.4.5
FUNC_CTRL
ADDRESS OFFSET
0x04
PHYSICAL ADDRESS
0x04
INSTANCE
USB_SCUSB
DESCRIPTION
Controls UTMI function settings of the PHY.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
SUSPENDM
RESET
OPMODE
TERMSELECT
XCVRSELECT
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
SUSPENDM
Active low PHY suspend. Put PHY into Low Power Mode. In Low Power
RW
1
Mode the PHY power down all blocks except the full speed receiver, OTG
comparators, and the ULPI interface pins. The PHY automatically set this bit
to '1' when Low Power Mode is exited.
5
RESET
Active high transceiver reset. Does not reset the ULPI interface or ULPI
RW
0
register set.
Once set, the PHY asserts the DIR signal and reset the UTMI core. When the
reset is completed, the PHY de-asserts DIR and clears this bit. After de-
asserting DIR, the PHY re-assert DIR and send an RX command update.
Note: This bit is auto-cleared, this explain why it can't be read at '1'.
4:03
OPMODE
Select the required bit encoding style during transmit
RW
0x0
0x0:
Normal operation
0x1:
Non-driving
0x2:
Disable bit-stuff and NRZI encoding
0x3:
Reserved (No SYNC and EOP generation feature not supported)
2
TERMSELECT
Controls the internal 1.5 k
Ω pullup resistor and 45 Ω HS terminations. Control
RW
0
over bus resistors changes depending on XcvrSelect, OpMode, DpPulldown
and DmPulldown.
1:0
XCVRSELECT
Select the required transceiver speed.
RW
0x1
0x0:
Enable HS transceiver
0x1:
Enable FS transceiver
0x2:
Enable LS transceiver
0x3:
Enable FS transceiver for LS packets
(FS preamble is automatically pre-pended)
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
35
Submit Documentation Feedback
Product Folder Links: TUSB1211


Similar Part No. - TUSB1211A1ZRQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1211A1ZRQR TI1-TUSB1211A1ZRQR Datasheet
266Kb / 21P
[Old version datasheet]   Standalone USB Transceiver Chip
More results

Similar Description - TUSB1211A1ZRQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
logo
ON Semiconductor
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
   LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
NCV7321 ONSEMI-NCV7321_16 Datasheet
152Kb / 14P
   Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
   Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
   Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
NCV7321 ONSEMI-NCV7321_15 Datasheet
156Kb / 14P
   Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com