Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1211A1ZRQ Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB1211A1ZRQ
Description  Stand-Alone USB Transceiver Chip
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1211A1ZRQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1211A1ZRQ Datasheet HTML 4Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 5Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 6Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 7Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 8Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 9Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 10Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 11Page - Texas Instruments TUSB1211A1ZRQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
TUSB1211
SLLSE80B – MARCH 2011 – REVISED JUNE 2015
www.ti.com
4
Specifications
4.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Main battery supply voltage
Continuous
0
5.0
V
The product will have negligible reliability
VBAT
(2)
impact for pulsed voltage spikes of 5.5 V for a
Main battery supply voltage pulsed
5.5
V
total (cumulative over lifetime) duration of 5
milliseconds
VDDIO
IO supply voltage
Continuous
1.98
V
Where VDD represents the voltage applied to
Voltage on any input except VDDIO,
the power supply pin associated with the
–0.3
1.0 × VDD + 0.3
V
VBAT, and VBUS pads
input
DP or DM or ID pins short-circuited to VBUS
DP, DM, ID high voltage short circuit
supply, in any mode of TUSB1211 operation,
5.25
V
continuously for 24 hours
DP or DM or ID pins short-circuited to GND in
DP, DM, ID low voltage short circuit
any mode of TUSB1211 operation,
0
V
continuously for 24 hours
VBUS input
(3)
–2
20
V
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 4.3 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If VBAT exceeds above rating a device to drop down the voltage before applied to the device.
(3)
If VBUS exceeds above rating an external voltage protection on the line is mandatory between the VBUS line and the TUSB1211.
4.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VBAT
Battery supply voltage
VBAT_ACTIVE
2.7
3.6
4.8
V
When VDD33 is supplied internally
3.15
Battery supply voltage for USB 2.0 compliancy
VBAT_CERT
V
When VDD33 is shorted to VBAT
(USB 2.0 certification)
3.05
externally
Battery supply voltage for charger detect in
2.4
VBAT_DB
VBAT_DB
V
“dead-battery condition”
VDDIO
IO supply voltage
VDDIO_ACTIVE
1.62
1.8
1.95
V
TA
Ambient temperature range
–40
85
°C
TJ
Junction temperature
For parametric compliance
–40
125
°C
8
Specifications
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1211


Similar Part No. - TUSB1211A1ZRQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1211A1ZRQ TI1-TUSB1211A1ZRQ Datasheet
266Kb / 21P
[Old version datasheet]   Standalone USB Transceiver Chip
TUSB1211A1ZRQR TI1-TUSB1211A1ZRQR Datasheet
266Kb / 21P
[Old version datasheet]   Standalone USB Transceiver Chip
More results

Similar Description - TUSB1211A1ZRQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
logo
ON Semiconductor
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
   LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
NCV7321 ONSEMI-NCV7321_16 Datasheet
152Kb / 14P
   Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
   Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
   Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
NCV7321 ONSEMI-NCV7321_15 Datasheet
156Kb / 14P
   Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com