Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2077A Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB2077A
Description  7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2077A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2077A_17 Datasheet HTML 2Page - Texas Instruments TUSB2077A_17 Datasheet HTML 3Page - Texas Instruments TUSB2077A_17 Datasheet HTML 4Page - Texas Instruments TUSB2077A_17 Datasheet HTML 5Page - Texas Instruments TUSB2077A_17 Datasheet HTML 6Page - Texas Instruments TUSB2077A_17 Datasheet HTML 7Page - Texas Instruments TUSB2077A_17 Datasheet HTML 8Page - Texas Instruments TUSB2077A_17 Datasheet HTML 9Page - Texas Instruments TUSB2077A_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TUSB2077A
SLLS414F – MARCH 2000 – REVISED AUGUST 2015
www.ti.com
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage, TTL/LVCMOS(1)
0
VCC
V
VO
Output voltage, TTL/LVCMOS(2)
0
VCC
V
VIH(REC)
High-level input voltage, signal-ended receiver
2
VCC
V
VIL(REC)
Low-level input voltage, signal-ended receiver
0.8
V
VIH(TTL)
High-level input voltage, TTL/LVCMOS(1)
2
VCC
V
VIL(TTL)
Low-level input voltage, TTL/LVCMOS(1)
0
0.8
V
TA
Operating free-air temperature
0
70
°C
R(DRV)
External series, differential driver resistor
22
f(OPRH)
Operating (dc differential driver) high speed mode
12
Mb/s
f(OPRL)
Operating (dc differential driver) low speed mode
1.5
Mb/s
VICR
Common mode, input range, differential receiver
0.8
2.5
V
tt
Input transition times, TTL/LVCMOS (1)
0
25
ns
TJ
Junction temperature(3)
0
115
°C
(1)
Applies for input and bidirectional buffers.
(2)
Applies for output and bidirectional buffers.
(3)
These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150°C. The customer is
responsible for verifying junction temperature.
7.4 Thermal Information
TUSB2077A
THERMAL METRIC(1)
PT (LQFP)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
66.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
21.1
°C/W
RθJB
Junction-to-board thermal resistance
37.8
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
31.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TUSB2077A


Similar Part No. - TUSB2077A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI1-TUSB2077A_15 Datasheet
977Kb / 26P
[Old version datasheet]   TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2077A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_15 Datasheet
977Kb / 26P
[Old version datasheet]   TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com