Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLP32300H2816G Datasheet(PDF) 17 Page - Zilog, Inc.

Part # ZLP32300H2816G
Description  Low power consumption??1 mW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300H2816G Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button ZLP32300H2816G Datasheet HTML 13Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 14Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 15Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 16Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 17Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 18Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 19Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 20Page - Zilog, Inc. ZLP32300H2816G Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
13
Figure 8. Port 1 Configuration
Port 2 (P27–P20)
Port 2 is an 8-bit, bidirectional, CMOS-compatible I/O port (see Figure 9). These eight I/O
lines can be independently configured under software control as inputs or outputs. Port 2
is always available for I/O operation. A EPROM option bit is available to connect eight
pull-up transistors on this port. Bits programmed as outputs are globally programmed as
either push-pull or open-drain. The POR resets with the eight bits of Port 2 configured as
inputs.
Port 2 also has an 8-bit input OR and AND gate, which can be used to wake up the part.
P20 can be programmed to access the edge-detection circuitry in DEMODULATION
mode.
OTP Programming
Option
8
ZLP32300
OTP
Port 1 (I/O)
Pad
In
Out
OEN
Open-Drain
Resistive
Transistor
Pull-up
VCC


Similar Part No. - ZLP32300H2816G

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
More results

Similar Description - ZLP32300H2816G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2794B ATMEL-U2794B_97 Datasheet
302Kb / 15P
   Very Low Power Consumption 125 mW
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com