Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A22362 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS5A22362
Description  0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5A22362_17 Datasheet HTML 2Page - Texas Instruments TS5A22362_17 Datasheet HTML 3Page - Texas Instruments TS5A22362_17 Datasheet HTML 4Page - Texas Instruments TS5A22362_17 Datasheet HTML 5Page - Texas Instruments TS5A22362_17 Datasheet HTML 6Page - Texas Instruments TS5A22362_17 Datasheet HTML 7Page - Texas Instruments TS5A22362_17 Datasheet HTML 8Page - Texas Instruments TS5A22362_17 Datasheet HTML 9Page - Texas Instruments TS5A22362_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TS5A22362
SCDS364B – JUNE 2015 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics for 2.5-V Supply (continued)
VCC = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Digital input
CI
VI = VCC or GND
See Figure 16
25°C
2.5 V
2.6
pF
capacitance
BW
Bandwidth
RL = 50 Ω, –3 dB
See Figure 18
25°C
2.5 V
17
MHz
f = 100 kHz,
OISO
OFF isolation
RL = 50 Ω
25°C
2.5 V
–66
dB
see Figure 20
f = 100 kHz,
XTALK
Crosstalk
RL = 50 Ω
25°C
2.5 V
–75
dB
see Figure 21
f = 20 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25°C
2.5 V
0.01%
distortion
CL = 35 pF
see Figure 23
Supply
25°C
0.2
1.1
VCOM and VIN = VCC or GND,
Positive
ICC
2.7 V
μA
supply current
VNC and VNO = Floating
Full
1.3
VCOM = VCC – 5.5 V,
Positive
ICC
VIN = VCC or GND,
Full
2.7 V
3.3
μA
supply current
VNC and VNO = Floating
6.6 Electrical Characteristics for 3.3-V Supply
VCC = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
Analog signal
VCC – 5.5
VCC
V
VNO, VNC
range
VNC or VNO ≤ VCC,
25°C
0.61
0.87
ON-state
1.5 V,
COM to NO or NC,
Ron
3 V
resistance
VCC – 5.5 V,
see Figure 13
Full
0.97
ICOM = –100 mA
ON-state
25°C
0.024
0.13
VNC or VNO = 1.5 V,
COM to NO or NC,
ΔRon
resistance match
3 V
ICOM = –100 mA,
see Figure 13
Full
0.13
between channels
VNC or VNO ≤ VCC,
25°C
0.12
0.46
ON-state
1.5 V,
COM to NO or NC,
Ron(flat)
resistance
3 V
VCC – 5.5 V,
see Figure 13
Full
0.5
flatness
ICOM = –100 mA
VNC = 3 V, VCC – 5.5 V
25°C
–50
50
VCOM = VCC – 5.5 V, 3 V
VNO = Open
NC, NO
COM to NO
INC(OFF),
OFF leakage
or
See Figure 14
3.6 V
nA
INO(OFF)
Full
–375
375
current
VNO = 3 V, VCC – 5.5 V,
VCOM = VCC – 5.5 V, 3 V
VNC = Open
COM to NC
COM
25°C
–50
50
VNC and VNO = Floating,
COM to NO or NC,
ICOM(ON)
ON leakage
3.6 V
nA
VCOM = VCC,VCC – 5.5 V
see Figure 15
Full
–375
375
current
DIGITAL CONTROL INPUTS (IN) (2)
VIH
Input logic high
1.4
5.5
Full
V
VIL
Input logic low
0.8
25°C
–250
250
IIH, IIL
Input leakage current
VIN = VCC or 0
3.6 V
nA
Full
–250
250
DYNAMIC
25°C
3.3 V
34
80
VCOM = VCC,
CL = 35 pF,
tON
Turnon time
ns
3 V to
RL = 300 Ω
see Figure 17
Full
120
3.6 V
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TS5A22362


Similar Part No. - TS5A22362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
More results

Similar Description - TS5A22362_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com