Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76201-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76201-Q1
Description  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76201-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76201-Q1 Datasheet HTML 1Page - Texas Instruments TPS76201-Q1 Datasheet HTML 2Page - Texas Instruments TPS76201-Q1 Datasheet HTML 3Page - Texas Instruments TPS76201-Q1 Datasheet HTML 4Page - Texas Instruments TPS76201-Q1 Datasheet HTML 5Page - Texas Instruments TPS76201-Q1 Datasheet HTML 6Page - Texas Instruments TPS76201-Q1 Datasheet HTML 7Page - Texas Instruments TPS76201-Q1 Datasheet HTML 8Page - Texas Instruments TPS76201-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW POWER 100mA LDO LINEAR REGULATOR
SLVS323B − FEBRUARY 2001 − REVISED JANUARY 2007
1
D 100-mA Low-Dropout Regulator
D Adjustable Output Voltage (0.7 V to 5.5 V)
D Only 23 µA Quiescent Current at 100 mA
D 1 µA Quiescent Current in Standby Mode
D Over Current Limitation
D −40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
description
The
TPS76201
low-dropout
(LDO)
voltage
regulator features an adjustable output voltage as
low as 0.7 V. It is an ideal regulator for sub 1.2-V
DSP core voltage supplies and is equally suited
for similar applications with other low-voltage
processors and controllers. SOT-23 packaging
and the high-efficiency that results from the
regulator’s ultralow power operation make the
TPS76201 especially useful in handheld and
portable battery applications. This regulator
features low dropout voltages and ultralow
quiescent current compared to conventional LDO
regulators. Offered in a 5-terminal small outline integrated-circuit SOT-23 package, the TPS76201 is ideal for
micropower operations and where board space is at a premium.
A combination of new circuit design and process innovation has enabled the usual PNP pass transistor to be
replaced by a PMOS pass element. Since the PMOS pass element is a voltage-driven device, the quiescent
current is ultralow (30
µA maximum) and is stable over the entire range of output load current (10 µA to 100 mA).
Intended for use in portable systems such as laptops and cellular phones, the ultralow-power operation results
in a significant increase in the system battery operating life.
The TPS76201 also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 1
µA typical at TJ = 25°C. The TPS76201 is offered in an adjustable version (programmable over the range
of 0.7 V to 5.5 V).
AVAILABLE OPTIONS†
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
−40
°C to 125°C
Variable
0.7 V to 5.5 V
SOT-23
(DBV)
TPS76201DBVT‡
TPS76201DBVR§
PFUI
† Contact the factory for availability of fixed output options.
‡ The DBVT indicates tape and reel of 250 parts.
§ The DBVR indicates tape and reel of 3000 parts.
www.ti.com
Copyright
 2001−2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
FB
TJ − Junction Temperature − °C
GROUND CURRENT
vs
JUNCTION TEMPERATURE
15
17
19
21
23
25
27
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 100 mA
IO = 10 µA
VI = 2.7 V
VO = 0.7 V
All trademarks are the property of their respective owners.


Similar Part No. - TPS76201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
More results

Similar Description - TPS76201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com