Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 61 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 57Page - Zilog, Inc. ZGP323H Datasheet HTML 58Page - Zilog, Inc. ZGP323H Datasheet HTML 59Page - Zilog, Inc. ZGP323H Datasheet HTML 60Page - Zilog, Inc. ZGP323H Datasheet HTML 61Page - Zilog, Inc. ZGP323H Datasheet HTML 62Page - Zilog, Inc. ZGP323H Datasheet HTML 63Page - Zilog, Inc. ZGP323H Datasheet HTML 64Page - Zilog, Inc. ZGP323H Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
53
Clock
The device’s on-chip oscillator has a high-gain, parallel-resonant amplifier, for
connection to a crystal or ceramic resonator, or any suitable external clock source
(XTAL1 = Input, XTAL2 = Output). The crystal must be AT cut, 1 MHz to 8 MHz
maximum, with a series resistance (RS) less than or equal to 100
. The on-chip
oscillator can be driven with a suitable external clock source.
The crystal must be connected across XTAL1 and XTAL2 using the recommended
capacitors (capacitance greater than or equal to 22 pF) from each pin to ground.
Figure 31. Oscillator Configuration
C1
C2
XTAL1
XTAL2
XTAL1
XTAL2
Crystal
C1, C2 = 33pF TYP *
f = 8MHz
* Preliminary value including pin parasitics
External Clock
XTAL1
XTAL2
Ceramic Resonator
f = 8mHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn