Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 55 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 51Page - Zilog, Inc. ZGP323H Datasheet HTML 52Page - Zilog, Inc. ZGP323H Datasheet HTML 53Page - Zilog, Inc. ZGP323H Datasheet HTML 54Page - Zilog, Inc. ZGP323H Datasheet HTML 55Page - Zilog, Inc. ZGP323H Datasheet HTML 56Page - Zilog, Inc. ZGP323H Datasheet HTML 57Page - Zilog, Inc. ZGP323H Datasheet HTML 58Page - Zilog, Inc. ZGP323H Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
47
Do not load these registers at the time the values are to be
loaded into the counter/timer to ensure known operation.
An initial count of 1 is not allowed. An initial count of 0
causes T16 to count from 0 to FFFFH to FFFEH. Transition
from 0 to FFFFH is not a timeout condition.
Figure 26. T16_OUT in Single-Pass Mode
Figure 27. T16_OUT in Modulo-N Mode
T16 DEMODULATION Mode
The user must program TC16L and TC16H to FFH. After T16 is enabled, and the
first edge (rising, falling, or both depending on CTR1 D5; D4) is detected, T16
captures HI16 and LO16, reloads, and begins counting.
If D6 of CTR2 Is 0
When a subsequent edge (rising, falling, or both depending on CTR1, D5; D4) is
detected during counting, the current count in T16 is complemented and put into
HI16 and LO16. When data is captured, one of the edge detect status bits (CTR1,
D1; D0) is set, and an interrupt is generated if enabled (CTR2, D2). T16 is loaded
with FFFFH and starts again.
This T16 mode is generally used to measure space time, the length of time
between bursts of carrier signal (marks).
Caution:
TC16H*256+TC16L Counts
“Counter Enable” Command
T16_OUT Switches to Its
Initial Value (CTR1 D0)
T16_OUT Toggles,
Timeout Interrupt
TC16H*256+TC16L
TC16H*256+TC16L
TC16H*256+TC16L
T16_OUT Toggles,
Timeout Interrupt
T16_OUT Toggles,
Timeout Interrupt
“Counter Enable” Command,
T16_OUT Switches to Its
Initial Value (CTR1 D0)
TC16_OUT
.. .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn