Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 51 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 51 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 47Page - Zilog, Inc. ZGP323H Datasheet HTML 48Page - Zilog, Inc. ZGP323H Datasheet HTML 49Page - Zilog, Inc. ZGP323H Datasheet HTML 50Page - Zilog, Inc. ZGP323H Datasheet HTML 51Page - Zilog, Inc. ZGP323H Datasheet HTML 52Page - Zilog, Inc. ZGP323H Datasheet HTML 53Page - Zilog, Inc. ZGP323H Datasheet HTML 54Page - Zilog, Inc. ZGP323H Datasheet HTML 55Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
43
The letter h denotes hexadecimal values.
Transition from 0 to FFh is not a timeout condition.
Using the same instructions for stopping the counter/timers
and setting the status bits is not recommended.
Two successive commands are necessary. First, the counter/timers must be
stopped. Second, the status bits must be reset. These commands are required
because it takes one counter/timer clock interval for the initiated event to actually
occur. See Figure 21 and Figure 22.
Figure 21. T8_OUT in Single-Pass Mode
Figure 22. T8_OUT in Modulo-N Mode
T8 Demodulation Mode
The user must program TC8L and TC8H to FFH. After T8 is enabled, when the first
edge (rising, falling, or both depending on CTR1, D5; D4) is detected, it starts to
count down. When a subsequent edge (rising, falling, or both depending on
CTR1, D5; D4) is detected during counting, the current value of T8 is comple-
mented and put into one of the capture registers. If it is a positive edge, data is put
Note:
Caution:
TC8H
Counts
Counter Enable Command;
T8_OUT Switches to Its
Initial Value (CTR1 D1)
T8_OUT Toggles;
Timeout Interrupt
Counter Enable Command;
T8_OUT Switches to Its
Initial Value (CTR1 D1)
Timeout
Interrupt
Timeout
Interrupt
T8_OUT
T8_OUT Toggles
TC8L
TC8H
TC8H
TC8L
TC8L
.. .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn