Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 48 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 44Page - Zilog, Inc. ZGP323H Datasheet HTML 45Page - Zilog, Inc. ZGP323H Datasheet HTML 46Page - Zilog, Inc. ZGP323H Datasheet HTML 47Page - Zilog, Inc. ZGP323H Datasheet HTML 48Page - Zilog, Inc. ZGP323H Datasheet HTML 49Page - Zilog, Inc. ZGP323H Datasheet HTML 50Page - Zilog, Inc. ZGP323H Datasheet HTML 51Page - Zilog, Inc. ZGP323H Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
40
Counter/Timer Functional Blocks
Input Circuit
The edge detector monitors the input signal on P31 or P20. Based on CTR1 D5–
D4, a pulse is generated at the Pos Edge or Neg Edge line when an edge is
detected. Glitches in the input signal that have a width less than specified (CTR1
D3, D2) are filtered out (see Figure 18).
Figure 18. Glitch Filter Circuitry
T8 Transmit Mode
Before T8 is enabled, the output of T8 depends on CTR1, D1. If it is 0, T8_OUT is
1; if it is 1, T8_OUT is 0. See Figure 19.
Reserved
---43210
R
W
1
x
Always reads 11111
No Effect
*Indicates the value upon Power-On Reset.
**Indicates the value upon Power-On Reset. Not reset with a Stop Mode recovery.
Table 18. CTR3 (D)03H: T8/T16 Control Register (Continued)
Field
Bit Position
Value
Description
MUX
Glitch
Filter
Edge
Detector
P31
P20
Pos
Edge
Neg
Edge
CTR1
D5,D4
CTR1
D6
CTR1
D3, D2


Similar Part No. - ZGP323H

ManufacturerPart No.DatasheetDescription
Zilog, Inc.
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
More results

Similar Description - ZGP323H

ManufacturerPart No.DatasheetDescription
Zilog, Inc.
Zilog, Inc.
Z86L82 ZILOG-Z86L82 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
Sanyo Semicon Device
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
IC-Haus GmbH
IC-Haus GmbH
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
B&K Precision Corporation
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
Data Delay Devices, Inc.
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
Maxim Integrated Products
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
Data Delay Devices, Inc.
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
Dallas Semiconductor
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz