Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 47 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 43Page - Zilog, Inc. ZGP323H Datasheet HTML 44Page - Zilog, Inc. ZGP323H Datasheet HTML 45Page - Zilog, Inc. ZGP323H Datasheet HTML 46Page - Zilog, Inc. ZGP323H Datasheet HTML 47Page - Zilog, Inc. ZGP323H Datasheet HTML 48Page - Zilog, Inc. ZGP323H Datasheet HTML 49Page - Zilog, Inc. ZGP323H Datasheet HTML 50Page - Zilog, Inc. ZGP323H Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
39
In Demodulation Mode, when set to 0, T16 captures and reloads on detection of
all the edges. When set to 1, T16 captures and detects on the first edge but
ignores the subsequent edges. For details, see the description of T16 Demodula-
tion Mode on page 47.
Time_Out
This bit is set when T16 times out (terminal count reached). To reset the bit, write
a 1 to this location.
T16_Clock
This bit defines the frequency of the input signal to Counter/Timer16.
Capture_INT_Mask
This bit is set to allow an interrupt when data is captured into LO16 and HI16.
Counter_INT_Mask
Set this bit to allow an interrupt when T16 times out.
P35_Out
This bit defines whether P35 is used as a normal output pin or T16 output.
CTR3 T8/T16 Control Register—CTR3(D)03H
Table 18 lists and briefly describes the fields for this register. This register allows
the T8 and T16 counters to be synchronized.
Table 18. CTR3 (D)03H: T8/T16 Control Register
Field
Bit Position
Value
Description
T16 Enable
7-------
R
R
W
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
T8 Enable
-6------
R
R
W
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
Sync Mode
--5-----
R/W
0**
1
Disable Sync Mode
Enable Sync Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn