Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 45 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 41Page - Zilog, Inc. ZGP323H Datasheet HTML 42Page - Zilog, Inc. ZGP323H Datasheet HTML 43Page - Zilog, Inc. ZGP323H Datasheet HTML 44Page - Zilog, Inc. ZGP323H Datasheet HTML 45Page - Zilog, Inc. ZGP323H Datasheet HTML 46Page - Zilog, Inc. ZGP323H Datasheet HTML 47Page - Zilog, Inc. ZGP323H Datasheet HTML 48Page - Zilog, Inc. ZGP323H Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
37
T8/T16_Logic/Edge _Detect
In TRANSMIT Mode, this field defines how the outputs of T8 and T16 are com-
bined (AND, OR, NOR, NAND).
In DEMODULATION Mode, this field defines which edge should be detected by
the edge detector.
Transmit_Submode/Glitch Filter
In Transmit Mode, this field defines whether T8 and T16 are in the PING-PONG
mode or in independent normal operation mode. Setting this field to “NORMAL
OPERATION Mode” terminates the “PING-PONG Mode” operation. When set to
10, T16 is immediately forced to a 0; a setting of 11 forces T16 to output a 1.
In DEMODULATION Mode, this field defines the width of the glitch that must be fil-
tered out.
Initial_T8_Out/Rising_Edge
In TRANSMIT Mode, if 0, the output of T8 is set to 0 when it starts to count. If 1,
the output of T8 is set to 1 when it starts to count. When the counter is not enabled
and this bit is set to 1 or 0, T8_OUT is set to the opposite state of this bit. This
ensures that when the clock is enabled, a transition occurs to the initial state set
by CTR1, D1.
In DEMODULATION Mode, this bit is set to 1 when a rising edge is detected in the
input signal. In order to reset the mode, a 1 should be written to this location.
Initial_T16 Out/Falling _Edge
In TRANSMIT Mode, if it is 0, the output of T16 is set to 0 when it starts to count. If
it is 1, the output of T16 is set to 1 when it starts to count. This bit is effective only
in Normal or PING-PONG Mode (CTR1, D3; D2). When the counter is not enabled
and this bit is set, T16_OUT is set to the opposite state of this bit. This ensures
that when the clock is enabled, a transition occurs to the initial state set by CTR1,
D0.
In DEMODULATION Mode, this bit is set to 1 when a falling edge is detected in
the input signal. In order to reset it, a 1 should be written to this location.
Modifying CTR1 (D1 or D0) while the counters are enabled
causes unpredictable output from T8/16_OUT.
CTR2 Counter/Timer 16 Control Register—CTR2(D)02H
Table 17 lists and briefly describes the fields for this register.
Note:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn