Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGP323H Datasheet(PDF) 43 Page - Zilog, Inc.

Part # ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 39Page - Zilog, Inc. ZGP323H Datasheet HTML 40Page - Zilog, Inc. ZGP323H Datasheet HTML 41Page - Zilog, Inc. ZGP323H Datasheet HTML 42Page - Zilog, Inc. ZGP323H Datasheet HTML 43Page - Zilog, Inc. ZGP323H Datasheet HTML 44Page - Zilog, Inc. ZGP323H Datasheet HTML 45Page - Zilog, Inc. ZGP323H Datasheet HTML 46Page - Zilog, Inc. ZGP323H Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
35
Capture_INT_Mask
Set this bit to allow an interrupt when data is captured into either LO8 or HI8 upon
a positive or negative edge detection in demodulation mode.
Counter_INT_Mask
Set this bit to allow an interrupt when T8 has a timeout.
P34_Out
This bit defines whether P34 is used as a normal output pin or the T8 output.
T8 and T16 Common Functions—CTR1(0D)01H
This register controls the functions in common with the T8 and T16.
Table 16 lists and briefly describes the fields for this register.
Table 16. CTR1(0D)01H T8 and T16 Common Functions
Field
Bit Position
Value
Description
Mode
7-------
R/W
0*
Transmit Mode
Demodulation Mode
P36_Out/
Demodulator_Input
-6------
R/W
0*
1
0*
1
Transmit Mode
Port Output
T8/T16 Output
Demodulation Mode
P31
P20
T8/T16_Logic/
Edge _Detect
--54----
R/W
00**
01
10
11
00**
01
10
11
Transmit Mode
AND
OR
NOR
NAND
Demodulation Mode
Falling Edge
Rising Edge
Both Edges
Reserved


Similar Part No. - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZGP32300200ZPR ZILOG-ZGP32300200ZPR Datasheet
643Kb / 11P
   Pentium III/500 MHz processor
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
More results

Similar Description - ZGP323H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L82 ZILOG-Z86L82 Datasheet
1Mb / 80P
   Programmable input glitch filter for pulse reception
ZGP323L ZILOG-ZGP323L Datasheet
1Mb / 105P
   Programmable input glitch filter for pulse reception
logo
Sanyo Semicon Device
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com