Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 40 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZGP323H Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button ZGP323H Datasheet HTML 36Page - Zilog, Inc. ZGP323H Datasheet HTML 37Page - Zilog, Inc. ZGP323H Datasheet HTML 38Page - Zilog, Inc. ZGP323H Datasheet HTML 39Page - Zilog, Inc. ZGP323H Datasheet HTML 40Page - Zilog, Inc. ZGP323H Datasheet HTML 41Page - Zilog, Inc. ZGP323H Datasheet HTML 42Page - Zilog, Inc. ZGP323H Datasheet HTML 43Page - Zilog, Inc. ZGP323H Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
32
Timers
T8_Capture_HI—HI8(D)0BH
This register holds the captured data from the output of the 8-bit Counter/Timer0.
Typically, this register holds the number of counts when the input signal is 1.
T8_Capture_LO—L08(D)0AH
This register holds the captured data from the output of the 8-bit Counter/Timer0.
Typically, this register holds the number of counts when the input signal is 0.
T16_Capture_HI—HI16(D)09H
This register holds the captured data from the output of the 16-bit Counter/
Timer16. This register holds the MS-Byte of the data.
T16_Capture_LO—L016(D)08H
This register holds the captured data from the output of the 16-bit Counter/
Timer16. This register holds the LS-Byte of the data.
Counter/Timer2 MS-Byte Hold Register—TC16H(D)07H
Field
Bit Position
Description
T8_Capture_HI
[7:0]
R/W
Captured Data - No Effect
Field
Bit Position
Description
T8_Capture_L0
[7:0]
R/W
Captured Data - No Effect
Field
Bit Position
Description
T16_Capture_HI [7:0]
R/W
Captured Data - No Effect
Field
Bit Position
Description
T16_Capture_LO [7:0]
R/W Captured Data - No Effect
Field
Bit Position
Description
T16_Data_HI
[7:0]
R/W
Data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn