Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZGP323H Datasheet(PDF) 36 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 36 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Functional Description
28
Figure 15. Expanded Register File Architecture
UU UU UU U0
00
00 00 00
00
00 00 00
0 0
00 000 0
00
0F
7F
F0
FF
FF
SPL
00
00 00 00
UU UU UU UU
00
00 00 00
UU UU UU UU
UU UU UU UU
UU UU UU UU
11
11 11 11
00
00 00 00
11
00 11 11
UU UU UU UU
UU UU UU UU
UU UU UU UU
UU UU UU UU
UU UU UU UU
FE
SPH
FD
RP
FC
FLAGS
FB
IMR
FA
IRQ
F9
IPR
F8
P01M
F7
P3M
F6
P2M
F5
Reserved
F4
Reserved
F3
Reserved
F2
Reserved
F1
Reserved
F0
Reserved
D7 D6 D5 D4 D3 D2 D1 D0
U U 00 11 01
U 0
10 00 U 0
11
11 11 10
(F) 0F WDTMR
(F) 0E Reserved
(F) 0D SMR2
(F) 0C Reserved
(F) 0B SMR
(F) 0A Reserved
(F) 09 Reserved
(F) 08 Reserved
(F) 07 Reserved
(F) 06 Reserved
(F) 05 Reserved
(F) 04 Reserved
(F) 03 Reserved
(F) 02 Reserved
(F) 01 Reserved
(F) 00 PCON
76
54 32 10
Expanded Register
Bank Pointer
Working Register
UU U U U UUU
UU UU UU UU
00
00 00 00
(D) 0C
LVD
(D) 0B
HI8
(D) 0A
LO8
(D) 09
HI16
(D) 08
LO16
(D) 07
TC16H
(D) 06
TC16L
(D) 05
TC8H
(D) 04
TC8L
(D) 03
CTR3
(D) 02
CTR2
(D) 01
CTR1
(D) 00
CTR0
Group Pointer
Register File (Bank 0)**
00
01 11 11
*
*
00
00 00 00
0 0
00 000 0
0 0
00 000 0
0 0
00 000 0
00
00 00 00
00
00 00 00
00
00 00 00
00
00 00 00
U = Unknown
* Is not reset with a Stop-Mode Recovery
** All addresses are in hexadecimal
↑ Is not reset with a Stop-Mode Recovery, except Bit 0
↑↑ Bit 5 Is not reset with a Stop-Mode Recovery
↑↑↑ Bits 5,4,3,2 not reset with a Stop-Mode Recovery
↑↑↑↑ Bits 5 and 4 not reset with a Stop-Mode Recovery
↑↑↑↑↑ Bits 5,4,3,2,1 not reset with a Stop-Mode Recovery
Expanded Reg. Bank 0/Group (0)
*
(0) 03 P3
(0) 02 P2
(0) 01 P1
(0) 00 P0
0
U
U
U
U
↑↑↑↑↑
↑↑↑↑
↑↑↑
↑↑
*
*
*
*
*
*
*
*
*
*
*
Expanded Reg. Bank F/Group 0**
Expanded Reg. Bank 0/Group 15**
Register Pointer
Z8® Standard Control Registers
Expanded Reg. Bank D/Group 0
Reset Condition


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn