Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZGP323H Datasheet(PDF) 30 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 30 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 30 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Pin Functions
22
Figure 12. Port 3 Configuration
Two on-board comparators process analog signals on P31 and P32, with refer-
ence to the voltage on Pref1 and P33. The analog function is enabled by program-
ming the Port 3 Mode Register (bit 1). P31 and P32 are programmable as rising,
falling, or both edge triggered interrupts (IRQ register bits 6 and 7). Pref1 and P33
are the comparator reference voltage inputs. Access to the Counter Timer edge-
detection circuit is through P31 or P20 (see “T8 and T16 Common Functions—
-
Z8 GP
OTP
Port 3 (I/O)
P32 (AN2)
P31 (AN1)
Pref1
From Stop Mode Recovery Source of SMR
P33 (REF2)
IRQ2, P31 Data Latch
Pref1/P30
P31
P32
P33
P34
P35
P36
P37
D1
1 = Analog
0 = Digital
R247 = P3M
+
-
+
IRQ0, P32 Data Latch
IRQ1, P33 Data Latch
Comp
1
Comp2
Dig.
An.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn