Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZGP323H Datasheet(PDF) 28 Page - Zilog, Inc.

Part No. ZGP323H
Description  Programmable input glitch filter for pulse reception
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZILOG [Zilog, Inc.]
Homepage  http://www.zilog.com
Logo 

ZGP323H Datasheet(HTML) 28 Page - Zilog, Inc.

Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
ZGP323H
Product Specification
PS023803-0305
Pin Functions
20
Figure 10. Port 1 Configuration
Port 2 (P27–P20)
Port 2 is an 8-bit, bidirectional, CMOS-compatible I/O port (see Figure 11). These
eight I/O lines can be independently configured under software control as inputs
or outputs. Port 2 is always available for I/O operation. A mask option is available
to connect eight pull-up transistors on this port. Bits programmed as outputs are
globally programmed as either push-pull or open-drain. The POR resets with the
eight bits of Port 2 configured as inputs.
Port 2 also has an 8-bit input OR and AND gate, which can be used to wake up
the part. P20 can be programmed to access the edge-detection circuitry in
demodulation mode.
OTP Programming
Option
8
Z8 GP
OTP
Port 1 (I/O)
Pad
In
Out
OEN
Open-Drain
Resistive
Transistor
Pull-up
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn